Part Name
         Description
855833

 1880 MHz SAW Split Band Filter ( 7 Page)


ETC
100% 
Zoom Out Zoom In
   
 6 page
background image
Data Sheet
Part Number 855833
1880 MHz SAW Split Band Filter
Subject to change or obsolescence without notice
Last Updated: 14-May-2001
Page 6 of 7
Matching Schematics
Band #1
50
Single-ended
2,4,6,8
1
50
50
50
7
50
5
3
No impedance matching
required
Band #2
50
Single-ended
2,4,6,8
1
50
50
50
7
50
5
3
No impedance matching
required
Marking
PCB Footprint
Marking
code
L
Date code
XXX
logo
ID dot
Pad 1
Sawtek
.96
.81
.38
.81
.23
1.39
3.20 SQ
Date code is the day of the current year in 3-digit Julian format
This footprint represents a recommendation only
Dimensions shown are nominal in millimeters
Tape and Reel
3.25
Section A-A
1.75
Ø1.5
4.0
A
12.0
5.5
Ø1.5
4.0
2.0
3.25
1.4
0.21
A
logo
Sawtek
Ø330
Ø13.0
Ø20.2
Pad 1 ID dot
Direction of travel
2.0
Ø102
12.8
2.7
Dimensions shown are nominal in millimeters
Packaging quantity: 5000 units/reel



Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
8558491880 MHz SAW Filter 1 2 3 4 5 TriQuint Semiconductor
8560561880 MHz SAW Filter 1 2 3 4 5 MoreTriQuint Semiconductor
TSM915AW-6SAW Filter for ISM Band 1 Sanyo Semicon Device
FAR-G5CNSAW Dual Filter 700 to 2000 MHz 1 2 3 4 5 MoreFujitsu Component Limited.
FF1575M42-AP711575.42 MHz SAW Filter Low insertion loss 1 2 3 4 List of Unclassifed Manufacturers
RF1211315.0 MHz SAW Filter 1 2 RF Monolithics, Inc
RF1400D433.92 MHz SAW Filter 1 2 3 RF Monolithics, Inc
SF1081A71.00 MHz SAW Filter 1 2 3 4 5 MoreRF Monolithics, Inc
SF1102B230 MHz SAW Filter 1 2 3 RF Monolithics, Inc
SF1179B184.14 MHz SAW Filter 1 2 3 4 RF Monolithics, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl