Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

942132012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 942132012
Description  Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

942132012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  942132012 Datasheet HTML 1Page - List of Unclassifed Manufacturers 942132012 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
Hirschmann Automation and Control GmbH  
www.beldensolutions.com
 
07-04-2016
Page 1 of 2 
Product information
SPIDER III - SPIDER-SL-20-06T1M2M299SZ9HHHH
Industrial Ethernet:Unmanaged Industrial Ethernet Switches:SPIDER III-Switches:SPIDER III
https://www.e-catalog.beldensolutions.com:443/link/57078-24455-49855-437329-458868/en/SPIDER-SL-20-06T1M2M299SZ9HHHH/uistate
Name
SPIDER III
 
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
Delivery informations
Availability
available
Product description
Description
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
Port type and quantity
6x 10/100BASE-TX, TP cable, RJ45 sockets, auto-crossing, auto-negotiation, auto-polarity, 2 x 100BASE-FX, MM cable, SC sockets
Type
SPIDER-SL-20-06T1M2M299SZ9HHHH
Order No.
942132012
More Interfaces
Power supply/signaling contact
1 x plug-in terminal block, 3-pin
Network size - length of cable
Twisted pair (TP)
0 m ... 100 m
Multimode fiber (MM) 50/125 µm
0 - 5000 m (Link Budget at 1310 nm = 0 - 8 dB; A=1 dB/km; BLP = 800 MHz*km)
Multimode fiber (MM) 62.5/125 µm
0 - 4000 m (Link Budget at 1300 nm = 0 - 11 db; A = 1 dB/km; BLP = 500 MHz*km)
Network size - cascadibility
Line - / star topology
any
Power requirements
Operating voltage
12/24 V DC (9.6 - 32 V DC)
Current consumption at 24 V DC
Max. 160 mA
Power consumption
Max. 3.8 W, 12.8 Btu (IT) h
Ambient conditions
Operating temperature
0 ºC ... 60 ºC
Storage/transport temperature
-40 ºC ... 70 ºC
Relative humidity (non-condensing)
0 % ... 95 %
Mechanical construction
Dimensions (W x H x D)
45 x 110 x 88 mm (w/o terminal block)
Mounting
DIN Rail
Weight
230 g
Protection class
IP30
Mechanical stability
IEC 60068-2-27 shock
15 g, 11 ms duration, 18 shocks
IEC 60068-2-6 vibration
3.5 mm, 5–8.4 Hz, 10 cycles, 1 octave/min; 1 g, 8.4–150 Hz, 10 cycles, 1 octave/min
EMC interference immunity
EN 61000-4-2 electrostatic discharge (ESD)
4 kV contact discharge, 8 kV air discharge
EN 61000-4-3 electromagnetic field
10 V/m (80-1000 MHz)
EN 61000-4-4 fast transients (burst)
2 kV power line, 4 kV data line
EN 61000-4-5 surge voltage
power line: 2 kV (line/earth), 1 kV (line/line), 1 kV data line
EN 61000-4-6 conducted immunity
10 V (150 kHz-80 MHz)
EMC emitted immunity
FCC CFR47 Part 15
FCC 47 CFR Part 15 Class A
EN 55022
EN 55022 Class A
Approvals
Safety of industrial control equipment
UL61010-1/-2-201 (pending)
Scope of delivery and accessories
Scope of delivery
Device, terminal block, safety instruction


Similar Part No. - 942132012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
942132010 ETC2-942132010 Datasheet
98Kb / 2P
   Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942132011 ETC2-942132011 Datasheet
97Kb / 2P
   Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942132013 ETC2-942132013 Datasheet
97Kb / 2P
   Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942132014 ETC2-942132014 Datasheet
97Kb / 2P
   Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942132015 ETC2-942132015 Datasheet
98Kb / 2P
   Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
More results

Similar Description - 942132012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
942132008 ETC2-942132008 Datasheet
96Kb / 2P
   Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942132009 ETC2-942132009 Datasheet
96Kb / 2P
   Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942132010 ETC2-942132010 Datasheet
98Kb / 2P
   Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942132011 ETC2-942132011 Datasheet
97Kb / 2P
   Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942141022 ETC2-942141022 Datasheet
103Kb / 2P
   Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942141029 ETC2-942141029 Datasheet
108Kb / 2P
   Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942141028 ETC2-942141028 Datasheet
109Kb / 2P
   Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942132001 ETC2-942132001 Datasheet
95Kb / 2P
   Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942132007 ETC2-942132007 Datasheet
97Kb / 2P
   Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942141031 ETC2-942141031 Datasheet
105Kb / 2P
   Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
942141016 ETC2-942141016 Datasheet
104Kb / 2P
   Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100 Mbit/s Ethernet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com