Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN2065UW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2065UW
Description  Low On-Resistance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2065UW Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2065UW Datasheet HTML 1Page - Diodes Incorporated DMN2065UW Datasheet HTML 2Page - Diodes Incorporated DMN2065UW Datasheet HTML 3Page - Diodes Incorporated DMN2065UW Datasheet HTML 4Page - Diodes Incorporated DMN2065UW Datasheet HTML 5Page - Diodes Incorporated DMN2065UW Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN2065UW
Document number: DS35554 Rev. 1 – 2
2 of 6
www.diodes.com
October 2011
© Diodes Incorporated
DMN2065UW
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 5) VGS = 4.5V
Steady
State
TA = 25°C
TA = 70°C
ID
2.8
2.3
A
t<10s
TA = 25°C
TA = 70°C
ID
3.1
2.6
A
Continuous Drain Current (Note 5) VGS = 1.8V
Steady
State
TA = 25°C
TA = 70°C
ID
2.2
1.7
A
t<10s
TA = 25°C
TA = 70°C
ID
2.4
1.9
A
Pulsed Drain Current (10us pulse, duty cycle=1%)
IDM
30
A
Maximum Body Diode Forward Current (Note 4)
IS
1.2
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 4)
PD
0.43
W
Thermal Resistance, Junction to Ambient (Note 4)
Steady state
RθJA
296
°C/W
t<10s
252
°C/W
Total Power Dissipation (Note 5)
PD
0.7
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
178
°C/W
t<10s
151
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
@Tc = 25°C
IDSS
-
-
1
μA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±1
μA
VGS = ±10V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
0.35
-
1.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
52
56
VGS = 4.5V, ID = 2A
-
59
65
VGS = 2.5V, ID = 2A
-
60
93
VGS = 1.8V, ID = 1A
-
75
140
VGS = 1.5V, ID = 0.5A
Forward Transfer Admittance
|Yfs|
-
7
-
S
VDS = 5V, ID = 3.8A
Diode Forward Voltage
VSD
-
0.7
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
-
400.0
-
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
73.8
-
pF
Reverse Transfer Capacitance
Crss
-
65.6
-
pF
Total Gate Charge
Qg
-
5.4
-
nC
VGS = 4.5V, VDS = 10V,
ID = 6A
Gate-Source Charge
Qgs
-
0.7
-
nC
Gate-Drain Charge
Qgd
-
1.4
-
nC
Turn-On Delay Time
tD(on)
-
3.5
-
ns
VDD = 10V, VGS = 5V,
RL = 1.7Ω, RG = 6Ω,
Turn-On Rise Time
tr
-
9.7
-
ns
Turn-Off Delay Time
tD(off)
-
23.8
-
ns
Turn-Off Fall Time
tf
-
7.2
-
ns
Notes:
4. Device mounted on FR-4 substrate PC board, with minimum recommended pad layout.
5. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMN2065UW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2065UW-7 DIODES-DMN2065UW-7 Datasheet
204Kb / 6P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN2065UWQ DIODES-DMN2065UWQ Datasheet
500Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN2065UWQ-7 DIODES-DMN2065UWQ-7 Datasheet
500Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN2065UW DIODES-DMN2065UW_15 Datasheet
204Kb / 6P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN2065UW

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com