Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN2008LFU-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN2008LFU-7
Description  Low On-Resistance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2008LFU-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN2008LFU-7 Datasheet HTML 1Page - Diodes Incorporated DMN2008LFU-7 Datasheet HTML 2Page - Diodes Incorporated DMN2008LFU-7 Datasheet HTML 3Page - Diodes Incorporated DMN2008LFU-7 Datasheet HTML 4Page - Diodes Incorporated DMN2008LFU-7 Datasheet HTML 5Page - Diodes Incorporated DMN2008LFU-7 Datasheet HTML 6Page - Diodes Incorporated DMN2008LFU-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMN2008LFU
Document number: DS38625 Rev. 3 - 2
3 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMN2008LFU
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
2.5
3
VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS = 1.3V
V
GS =1.5V
V
GS = 4.0V
V
GS = 3.1V
V
GS = 2.5V
V
GS=2.0V
V
GS = 4.5V
V
GS = 3.7V
4
4.5
5
5.5
6
6.5
7
0
2
4
6
8
10
12
14
16
18
20
ID, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current and
Gate Voltage
V
GS = 4.5V
V
GS = 4.0V
V
GS = 3.7V
V
GS = 3.1V
V
GS = 2.5V
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
VGS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D = 5.5A
2
4
6
8
10
0
5
10
15
20
ID, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs. Drain Current and
Junction Temperature
T
J = -55℃
T
J = 25℃
T
J = 85℃
T
J = 150℃
T
J = 125℃
V
GS = 4.5V
0
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Junction
Temperature
V
GS = 4.5V, ID = 5.5A
V
GS = 2.5V, ID = 5.5A
0
1
2
3
4
5
0
0.5
1
1.5
2
VGS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS = 10V
TJ=-55℃
TJ=25℃
TJ=85℃
TJ=125℃
TJ=150℃


Similar Part No. - DMN2008LFU-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2004DMK DIODES-DMN2004DMK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30937 Rev. 2 - 2
DMN2004DMK DIODES-DMN2004DMK Datasheet
291Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMN2004DMK-7 DIODES-DMN2004DMK-7 Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30937 Rev. 2 - 2
DMN2004DMK-7 DIODES-DMN2004DMK-7 Datasheet
291Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMN2004DMK_0711 DIODES-DMN2004DMK_0711 Datasheet
291Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - DMN2008LFU-7

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com