Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1848C41250JP4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKP1848C41250JP4
Description  Metallized Polypropylene Film Capacitor DC-Link Capacitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848C41250JP4 Datasheet(HTML) 3 Page - Vishay Siliconix

  MKP1848C41250JP4 Datasheet HTML 1Page - Vishay Siliconix MKP1848C41250JP4 Datasheet HTML 2Page - Vishay Siliconix MKP1848C41250JP4 Datasheet HTML 3Page - Vishay Siliconix MKP1848C41250JP4 Datasheet HTML 4Page - Vishay Siliconix MKP1848C41250JP4 Datasheet HTML 5Page - Vishay Siliconix MKP1848C41250JP4 Datasheet HTML 6Page - Vishay Siliconix MKP1848C41250JP4 Datasheet HTML 7Page - Vishay Siliconix MKP1848C41250JP4 Datasheet HTML 8Page - Vishay Siliconix MKP1848C41250JP4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MKP1848C DC-Link
www.vishay.com
Vishay Roederstein
Revision: 21-Sep-15
3
Document Number: 26015
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Ø dt ± 10 % of standard diameter specified
6 PINS
12 PINS
ELECTRICAL DATA AND ORDERING CODE
UNDC
AT
85 °C
(V)
CAP. (8)
(μF)
DIMENSION (5)
(mm)
P1
(mm)
P2
(mm)
dV/dt
(V/μs)
IPEAK
(A)
IRMS (2)
(A)
ESR (3)
(m
)
tan
10 kHz
(< 10-4) (4)
ORDERING CODE (1)
wh
l
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS
500
UOPDC AT 70 °C = 600 V, UOPDC AT 105 °C = 350 V
1
9
19
32
27.5
-
40
40
1.5
-
90
-
110
-
MKP1848C51050JK2
2
9
19
32
27.5
-
40
80
2
-
45
-
110
-
MKP1848C52050JK2
3
9
19
32
27.5
-
40
120
2.5
-
30
-
110
-
MKP1848C53050JK2
4
11
21
32
27.5
-
40
160
3.5
-
23
-
110
-
MKP1848C54050JK2
5
11
21
32
27.5
-
40
200
3.5
-
18
-
110
-
MKP1848C55050JK2
6
13
23
32
27.5
-
40
240
4.5
-
15
-
110
-
MKP1848C56050JK2
7
15
25
32
27.5
-
40
280
5
-
13
-
110
-
MKP1848C57050JK2
8
15
25
32
27.5
-
40
320
6
-
12
-
110
-
MKP1848C58050JK2
9
18
28
32
27.5
-
40
360
7
-
11
-
110
-
MKP1848C59050JK2
10
18
28
32
27.5
-
40
400
7
-
10
-
110
-
MKP1848C61050JK2
12
18
28
32
27.5
-
40
480
8
-
8
-
110
-
MKP1848C61250JK2
15
21
31
32
27.5
-
40
600
9
-
7
-
110
-
MKP1848C61550JK2
18
20
35
32
27.5
-
40
720
9
-
6
-
110
-
MKP1848C61850JK2
20
18.5
35.5
43
37.5
10.2
20
400
8
9
9
8
210
200
MKP1848C62050JP*
DIMENSIONS in millimeters
I
P1
Marking
w
h
l
t
Ø dt
P2
2 x P2
P1
P2
P2
I
P1
Marking
h
l
t
Ø dt
P2
2 x P2
3 x P2
4 x P2
5 x P2
w
P1
P2
2 x P2
3 x P2
4 x P2
5 x P2


Similar Part No. - MKP1848C41250JP4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848C VISHAY-MKP1848C Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51010JK2 VISHAY-MKP1848C51010JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51012JK2 VISHAY-MKP1848C51012JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51050JK2 VISHAY-MKP1848C51050JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51060JK2 VISHAY-MKP1848C51060JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
More results

Similar Description - MKP1848C41250JP4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848C VISHAY-MKP1848C Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
logo
Panasonic Semiconductor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R463I347000M1K KEMET-R463I347000M1K Datasheet
1Mb / 9P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECWFD2W104 PANASONIC-ECWFD2W104 Datasheet
89Kb / 4P
   Metallized Polypropylene Film Capacitor
ECW-H12223JL PANASONIC-ECW-H12223JL Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R46KI2220P0 KEMET-R46KI2220P0 Datasheet
248Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECQUAAF104T1 PANASONIC-ECQUAAF104T1 Datasheet
1Mb / 18P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R46KI322000P0K KEMET-R46KI322000P0K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
logo
Vishay Siliconix
MKP386MSNUBBER VISHAY-MKP386MSNUBBER Datasheet
253Kb / 18P
   Metallized Polypropylene Film Capacitor
Revision: 11-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com