Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1848C41290JJ2 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MKP1848C41290JJ2
Description  Metallized Polypropylene Film Capacitor DC-Link Capacitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848C41290JJ2 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MKP1848C41290JJ2 Datasheet HTML 3Page - Vishay Siliconix MKP1848C41290JJ2 Datasheet HTML 4Page - Vishay Siliconix MKP1848C41290JJ2 Datasheet HTML 5Page - Vishay Siliconix MKP1848C41290JJ2 Datasheet HTML 6Page - Vishay Siliconix MKP1848C41290JJ2 Datasheet HTML 7Page - Vishay Siliconix MKP1848C41290JJ2 Datasheet HTML 8Page - Vishay Siliconix MKP1848C41290JJ2 Datasheet HTML 9Page - Vishay Siliconix MKP1848C41290JJ2 Datasheet HTML 10Page - Vishay Siliconix MKP1848C41290JJ2 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MKP1848C DC-Link
www.vishay.com
Vishay Roederstein
Revision: 21-Sep-15
7
Document Number: 26015
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Change the * symbol with special code for the terminals
(2) Maximum RMS current at 10 kHz, +85 °C,
t = +15 °C, capacitance tolerance  ± 5 %
(3) Equivalent series resistance typical values at f = 10 kHz to 100 kHz for P = 27.5 mm, at f = 10 kHz to 70 kHz for P = 37.5 mm, at f = 10 kHz
to 50 kHz for P = 52.5 mm
(4) Maximum tan
 values
(5) Standard dimension
(6) 6 pins
(7) 12 pins
(8) Intermediate capacitance values available on request
1000
UOPDC AT 70 °C = 1200 V, UOPDC AT 105 °C = 700 V
15
25.0
45.0
57.5
52.5
10.2
18
270
9
10
14
12
210
190
MKP1848C61510JY*
20
25.0
45.0
57.5
52.5
10.2
18
360
9
10
12
11
210
190
MKP1848C62010JY*
22
25.0
45.0
57.5
52.5
10.2
18
396
10
11
11
10
210
190
MKP1848C62210JY*
25
30.0
45.0
57.5
52.5
20.3
18
450
11
12
10
9
210
190
MKP1848C62510JY*
30
30.0
45.0
57.5
52.5
20.3
18
540
12
13
8
7
210
190
MKP1848C63010JY*
35
35.0
50.0
57.5
52.5
20.3
18
630
14
15
7
6
210
190
MKP1848C63510JY*
40
35.0
50.0
57.5
52.5
20.3
18
720
15
17
6
5
210
190
MKP1848C64010JY*
45
45.0
45.0
57.5
52.5
20.3
18
810
-
17
-
5
-
190
MKP1848C64510JY5
50
45.0
45.0
57.5
52.5
20.3
18
900
-
18
-
4
-
190
MKP1848C65010JY5
100 (6)
70.0
65.0
57.5
52.5
20.3
15
1500
-
25
-
3.5
-
210
MKP1848C71010JY5
200 (7)
130.0
65.0
57.5
52.5
20.3
7
1400
-
45
-
1.5
-
210
MKP1848C72010JY5
1200
UOPDC AT 70 °C = 1440 V, UOPDC AT 105 °C = 850 V
1
11.0
21.0
32.0
27.5
-
85
85
3
-
45
-
45
-
MKP1848C51012JK2
2
15.0
25.0
32.0
27.5
-
85
170
4
-
23
-
45
-
MKP1848C52012JK2
3
18.0
28.0
32.0
27.5
-
85
255
6
-
15
-
45
-
MKP1848C53012JK2
4
21.0
31.0
32.0
27.5
-
85
340
8
-
12
-
45
-
MKP1848C54012JK2
5
20.0
35.0
32.0
27.5
-
85
425
8
-
10
-
45
-
MKP1848C55012JK2
5
18.5
35.5
43.0
37.5
10.2
40
200
6
7
18
16
90
80
MKP1848C55012JP*
6
18.5
35.5
43.0
37.5
10.2
40
240
7
8
15
14
90
80
MKP1848C56012JP*
7
21.5
38.5
43.0
37.5
10.2
40
280
8
9
13
12
90
80
MKP1848C57012JP*
8
21.5
38.5
43.0
37.5
10.2
40
320
9
10
11
10
90
80
MKP1848C58012JP*
9
24.0
44.0
42.0
37.5
10.2
40
360
10
11
10
9
90
80
MKP1848C59012JP*
10
24.0
44.0
42.0
37.5
10.2
40
400
10
11
9
8
90
80
MKP1848C61012JP*
12
30.0
45.0
42.0
37.5
10.2/20.3
40
480
12
13
8
7
90
80
MKP1848C61212JP*
15
30.0
57.0
42.0
37.5
20.3
40
600
14
14
6
5
90
80
MKP1848C61512JP*
10
25.0
45.0
57.5
52.5
10.2
20
200
8
9
18
16
180
160
MKP1848C61012JY*
12
25.0
45.0
57.5
52.5
10.2
20
240
8
9
15
13
180
160
MKP1848C61212JY*
15
25.0
45.0
57.5
52.5
10.2
20
300
9
10
12
11
180
160
MKP1848C61512JY*
20
30.0
45.0
57.5
52.5
20.3
20
400
11
12
9
8
180
160
MKP1848C62012JY*
22
35.0
50.0
57.5
52.5
20.3
20
440
13
14
8
7
180
160
MKP1848C62212JY*
25
35.0
50.0
57.5
52.5
20.3
20
500
14
15
7
6
180
160
MKP1848C62512JY*
30
45.0
45.0
57.5
52.5
20.3
20
600
-
16
-
5
-
160
MKP1848C63012JY5
60 (6)
70.0
65
57.5
52.5
20.3
20
1200
-
40
-
2.5
-
180
MKP1848C66012JY5
65 (6)
70.0
65
57.5
52.5
20.3
18
1170
-
40
-
2
-
180
MKP1848C66512JY5
140 (7)
130.0
65
57.5
52.5
20.3
10
1400
-
45
-
1.5
-
180
MKP1848C71412JY5
ELECTRICAL DATA AND ORDERING CODE
UNDC
AT
85 °C
(V)
CAP. (8)
(μF)
DIMENSION (5)
(mm)
P1
(mm)
P2
(mm)
dV/dt
(V/μs)
IPEAK
(A)
IRMS (2)
(A)
ESR (3)
(m
)
tan
10 kHz
(< 10-4) (4)
ORDERING CODE (1)
wh
l
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS


Similar Part No. - MKP1848C41290JJ2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848C VISHAY-MKP1848C Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51010JK2 VISHAY-MKP1848C51010JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51012JK2 VISHAY-MKP1848C51012JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51050JK2 VISHAY-MKP1848C51050JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
MKP1848C51060JK2 VISHAY-MKP1848C51060JK2 Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
More results

Similar Description - MKP1848C41290JJ2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848C VISHAY-MKP1848C Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
logo
Panasonic Semiconductor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R463I347000M1K KEMET-R463I347000M1K Datasheet
1Mb / 9P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECWFD2W104 PANASONIC-ECWFD2W104 Datasheet
89Kb / 4P
   Metallized Polypropylene Film Capacitor
ECW-H12223JL PANASONIC-ECW-H12223JL Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R46KI2220P0 KEMET-R46KI2220P0 Datasheet
248Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Panasonic Semiconductor
ECQUAAF104T1 PANASONIC-ECQUAAF104T1 Datasheet
1Mb / 18P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R46KI322000P0K KEMET-R46KI322000P0K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
logo
Vishay Siliconix
MKP386MSNUBBER VISHAY-MKP386MSNUBBER Datasheet
253Kb / 18P
   Metallized Polypropylene Film Capacitor
Revision: 11-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com