Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP386M368070YT1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKP386M368070YT1
Description  Metallized Polypropylene Film Capacitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP386M368070YT1 Datasheet(HTML) 3 Page - Vishay Siliconix

  MKP386M368070YT1 Datasheet HTML 1Page - Vishay Siliconix MKP386M368070YT1 Datasheet HTML 2Page - Vishay Siliconix MKP386M368070YT1 Datasheet HTML 3Page - Vishay Siliconix MKP386M368070YT1 Datasheet HTML 4Page - Vishay Siliconix MKP386M368070YT1 Datasheet HTML 5Page - Vishay Siliconix MKP386M368070YT1 Datasheet HTML 6Page - Vishay Siliconix MKP386M368070YT1 Datasheet HTML 7Page - Vishay Siliconix MKP386M368070YT1 Datasheet HTML 8Page - Vishay Siliconix MKP386M368070YT1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MKP386M Snubber
www.vishay.com
Vishay Roederstein
Revision: 11-Jun-15
3
Document Number: 28170
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COMPOSITION OF CATALOG NUMBER
DIMENSIONS in millimeters AND AVAILABLE TERMINAL VERSIONS
P1
P2
15 ± 0.3
D
18 ± 1
8 ± 0.2
6.3 ± 0.1
0.8 ± 0.1
12.8 max.
3.5 ± 1.0
l
h
w
T7
L
33.5
32.3
22.7
11
44
42.3
32.7
21
58
57.3
47.7
36
P1
± 1
P2
± 1
D
min.
P1
P2
D
15 ± 0.3
18 ± 1
8 ± 0.2
6.3 ± 0.1
1 ± 0.1
12.8 max.
3.5 ± 1.0
l
h
w
T8
L
44
32.3
22.7
11
58
47.3
37.7
26
P1
± 1
P2
± 1
D
min.
CAPACITANCE
(numerically)
Example
MULTIPLIER
(nF)
MINI VERSION SINGLE
METALLIZED
SPECIAL CODE FOR TERMINAL
DRAWING
L
(mm)
P1
(mm)
P2
(mm)
DRAWING
METALLIZED
POLYPROPYLENE
TOLERANCE
VOLTAGE
TYPE
2
0.1
4 68 = 680 nF
070
700 VDC
085
850 VDC
44
28 ± 0.5
23 ± 0.5
58
T1
43 ± 0.5
38 ± 0.5
44
24.5 ± 0.5
19.5 ± 0.5
58
T2
39.5 ± 0.5
34.5 ± 0.5
44
57 ± 0.5
-
33.5
47 ± 0.5
-
58
T3
72 ± 0.5
-
100
1000 VDC
125
1250 VDC
160
1600 VDC
200
2000 VDC
250
2500 VDC
J
K
Y
± 5 %
± 10 %
± 5 %
L = 33.5 mm/44.0 mm
L = 33.5 mm/44.0 mm
L = 58 mm
31
410
5
MKP
386
M
4
68
160
J
T8
100
44
42.3 ± 1
33.5
32.3 ± 1
58
T5
57.3 ± 1
44
28 ± 0.5
22 ± 0.5
58
T4
43 ± 0.5
37 ± 0.5
44
32.3 ± 1
22.7 ± 1
58
T6
47.3 ± 1
37.7 ± 1
22.7 ± 1
32.7 ± 1
47.7 ± 1
44
42.3 ± 1
33.5
32.3 ± 1
58
T7
57.3 ± 1
44
32.3 ± 1
22.7 ± 1
58
T8
47.3 ± 1
37.7 ± 1
22.7 ± 1
32.7 ± 1
47.7 ± 1


Similar Part No. - MKP386M368070YT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP386M368070YT1 VISHAY-MKP386M368070YT1 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
More results

Similar Description - MKP386M368070YT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com