Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLJ45CA Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # SMLJ45CA
Description  Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMLJ45CA Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  SMLJ45CA Datasheet HTML 1Page - Bourns Electronic Solutions SMLJ45CA Datasheet HTML 2Page - Bourns Electronic Solutions SMLJ45CA Datasheet HTML 3Page - Bourns Electronic Solutions SMLJ45CA Datasheet HTML 4Page - Bourns Electronic Solutions SMLJ45CA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
.......
.......
.......
.......
.......
.......
.......
.......
PA
F
E
T
120°
D2
D
D
1
W1
C
IndexHole
P0
P1
W
B
10pitches(min.)
DirectionofFeed
10pitches(min.)
End
Trailer
Device
Leader
Start
d
CDDFN5-0504N-TVS/SteeringDiodeArray
Packaging Information
The product will be dispensed in tape and reel format (see diagram below).
Devices are packed in accordance with EIA standard
RS-481-A and specifications shown here.
DIMENSIONS:
MM
(INCHES)
REV. 06/16
SMLJTransientVoltageSuppressorDiodeSeries
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Item
Symbol
SMC (DO-214AB)
7 Inch Reel
13 Inch Reel
Carrier Width
A
6.0 ± 2.0
(0.236 - 0.079)
Carrier Length
B
8.3 ± 0.20
(0.327 ± 0.008)
Carrier Depth
C
2.5 ± 0.20
(0.098 ± 0.008)
Sprocket Hole
d
1.50 ± 0.10
(0.059 ± 0.004)
Reel Outside Diameter
D
178
(7.008)
330
(12.992)
Reel Inner Diameter
D1
50.0
(1.969) MIN.
Feed Hole Diameter
D2
13.0 +0.50/-0.20
(0.512 +0.020/-0.008)
Sprocket Hole Position
E
1.75 ± 0.10
(0.069 ± 0.004)
Punch Hole Position
F
7.50 ± 0.10
(0.295 ± 0.004)
Punch Hole Pitch
P
8.00 ± 0.10
(0.315 ± 0.004)
Sprocket Hole Pitch
P0
4.00 ± 0.10
(0.157 ± 0.004)
Embossment Center
P1
2.00 ± 0.10
(0.079 ± 0.004)
Overall Tape Thickness
T
0.30 ± 0.10
(0.012 ± 0.004)
Tape Width
W
16.00 ± 0.30
(0.630 ± 0.012)
Reel Width
W1
22.4
(0.882) MAX.
Quantity per Reel
--
500
3,000


Similar Part No. - SMLJ45CA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMLJ45CA BOURNS-SMLJ45CA Datasheet
205Kb / 5P
   SMLJ Transient Voltage Suppressor Diode Series
logo
Micro Commercial Compon...
SMLJ45CA MCC-SMLJ45CA Datasheet
504Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
MDE Semiconductor, Inc.
SMLJ45CA MDE-SMLJ45CA Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Bourns Electronic Solut...
SMLJ45CA BOURNS-SMLJ45CA Datasheet
182Kb / 6P
   SMLJ Transient Voltage Suppressor Diode Series
REV. 02/21
SMLJ45CA-Q BOURNS-SMLJ45CA-Q Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
More results

Similar Description - SMLJ45CA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
   Transient Voltage Suppressor Diode Series
5.0SMDJ-Q BOURNS-5.0SMDJ-Q Datasheet
536Kb / 6P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com