Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLJ40CA Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SMLJ40CA
Description  Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMLJ40CA Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SMLJ40CA Datasheet HTML 1Page - Bourns Electronic Solutions SMLJ40CA Datasheet HTML 2Page - Bourns Electronic Solutions SMLJ40CA Datasheet HTML 3Page - Bourns Electronic Solutions SMLJ40CA Datasheet HTML 4Page - Bourns Electronic Solutions SMLJ40CA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
n
RoHScompliant*
n
SurfaceMountSMCpackage
n
StandoffVoltage:5.0to170volts
n
PowerDissipation:3000watts
Applications
n
IEC61000-4-2ESD(Min.Level4)
n
IEC61000-4-4EFT
n
IEC61000-4-5Surge
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
SMLJTransientVoltageSuppressorDiodeSeries
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Parameter
Symbol
Value
Unit
Minimum Peak Pulse Power Dissipation (TP = 1 ms) (Note 1,2)
PPK
3000
Watts
Peak Forward Surge Current
8.3 ms Single Half Sine Wave Superimposed on Rated Load
(JEDEC Method) (Note 3)
IFSM
300
Amps
Steady State Power Dissipation @ TL = 75 °C
PM(AV)
5.0
Watts
Maximum Instantaneous Forward Voltage @ IPP = 100 A
(For Unidirectional Units Only)
SMLJ5.0A ~ SMLJ90A
SMLJ100A ~ SMLJ170A
VF
3.5
5.0
Volts
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
1. Non-repetitive current pulse, per Pulse Waveform graph and derated above TA = 25 °C per Pulse Derating Curve.
2. Thermal Resistance Junction to Lead.
3. 8.3 ms Single Sine Wave duty cycle = 4 pulses maximum per minute (unidirectional units only).
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop
increasingly smaller electronic components.
Bourns offers Transient Voltage Suppressor Diodes for surge and ESD protection applications, in compact chip package DO-214AB (SMC)
size format. The Transient Voltage Suppressor series offers a choice of Working Peak Reverse Voltage from 5 V up to 170 V and Breakdown
Voltage up to 200 V. Typical fast response times are less than 1.0 ps for unidirectional devices and less than 5.0 ps for bidirectional devices
from 0 V to Minimum Breakdown Voltage.
Bourns® Chip Diodes conform to JEDEC standards, are easy to handle with standard pick and place equipment and the flat configuration
minimizes roll away.
Asia-Pacific:
Tel: +886-2 2562-4117
Email: asiacus@bourns.com
Europe:
Tel: +36 88 520 390
Email: eurocus@bourns.com
The Americas:
Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com
How to Order
SMLJ 5.0 CA - H
Package
SMLJ = SMC/DO-214AB
Working Peak Reverse Voltage
5.0 = 5.0 VRWM (Volts)
Suffix
A = 5 % Tolerance Unidirectional Device
CA = 5 % Tolerance Bidirectional Device
Reel
(blank) = 13 inch reel
-H = 7 inch reel


Similar Part No. - SMLJ40CA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMLJ40CA BOURNS-SMLJ40CA Datasheet
205Kb / 5P
   SMLJ Transient Voltage Suppressor Diode Series
logo
Micro Commercial Compon...
SMLJ40CA MCC-SMLJ40CA Datasheet
504Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
MDE Semiconductor, Inc.
SMLJ40CA MDE-SMLJ40CA Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Bourns Electronic Solut...
SMLJ40CA BOURNS-SMLJ40CA Datasheet
182Kb / 6P
   SMLJ Transient Voltage Suppressor Diode Series
REV. 02/21
SMLJ40CA-Q BOURNS-SMLJ40CA-Q Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
More results

Similar Description - SMLJ40CA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
   Transient Voltage Suppressor Diode Series
5.0SMDJ-Q BOURNS-5.0SMDJ-Q Datasheet
536Kb / 6P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com