Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMF-RD50-10 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CMF-RD50-10
Description  Telecom CPTC Resettable Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CMF-RD50-10 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CMF-RD50-10 Datasheet HTML 1Page - Bourns Electronic Solutions CMF-RD50-10 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CMF-RD Series - Telecom CPTC Resettable Fuses
Time
Induction
Rated
Resistance
to Trip
Voltage
Rated
Resistance
Matching
Hold
Hold
Trip
Imax @
@ Imax/
Model
Withstand
Voltage
(RN)
In Housing
Current
Current
Current
230 VAC
230 VAC
Amps
Amps
Amps
VAC
Volts
Ohms
Tolerance
Ohms
@ 25 °C
@ 40 °C
@ 25 °C
Amps
Seconds
CMF-RD50
600
230
50
±20 %
± 0.5
0.09
0.06
0.19
3.0
< 0.1
CMF-RD50-10
600
230
50
±10 %
± 0.5
0.09
0.06
0.19
3.0
< 0.1
Electrical Characteristics
Features
Two resistance-matched PTCs in a
ceramic housing
Aids compliance with:
- ITU-T K.20/21/45
- Telcordia GR-1089-CORE
- UL 60950, 3rd Ed.
Narrow resistance tolerance
RoHS compliant*
Applications
Used as a secondary overcurrent protection
device in:
Customer Premise Equipment (CPE)
Central Office (CO)
Access equipment
How to Order
CMF - RD 50 - 10 - 0
Product Designator
Style
RD = Radial Dual Package
Rated Resistance (RN)
50 (50 Ohms)
Rated Resistance Tolerance
-10 = ±10 %
Blank = ±20 % (Standard)
Packaging Options
- 0 = Bulk Packaging
Typical Part Marking
Represents total content. Layout may vary.
Product Dimensions
Packaging options: BULK: 96 pcs. per plastic box
MM
(INCHES)
DIMENSIONS =
13
2
4
3.5
(.138)
10.0 ± 0.2
(.394 ± .008)
8.8 ± 0.2
(.346 ± .008)
8.8 ± 0.2
(.346 ± .008)
0.35
(.014)
SIDE
FRONT
TOP
BOTTOM
0.75
(.030)
0.6
(.236)
1 & 3 = FRONT PINS
2 & 4 = BACK PINS
PINS 1 & 2 = 1ST CPTC
PINS 3 & 4 = 2ND CPTC
5.0 ± 0.2
(.197 ± .008)
6.0
(.236)
9.3 ± 0.2
(.366 ± .008)
1.5
(.059)
2.0
(.079)
4.7 ± 0.1
(.185 ± .039)
5.0 ± 0.2
(.197 ± .008)
2.5 ± 0.1
(.098 ± .004)
12
3
4
C50M7G
MANUFACTURER'S
TRADEMARK
CERAMIC
CASE
PART
IDENTIFICATION:
50M = CMF-RD50
50K = CMF-RD50-10
YEAR CODE:
7 = 2007
BI-WEEKLY
DATE CODE:
WEEK 13-14 = G
Primary
Test
Protection
Test Condition
Requirements*
Mains Power Contact - ITU-T K.20, K.21 ....None................230 V rms, 10 ohms, 15 Min. ......................................................(Ri-Rf) / Ri < ±10 %
Power Induction - ITU-T K.20, K.21..............None................600V rms, 600 ohms, 0.2 seconds, 10 cycles, every 1 Min. ......(Ri-Rf) / Ri < ±10 %
Power Induction - ITU-T K.20, K.21..............GDT ................600 V rms, 600 ohms, 1 second, 10 cycles, every 1 Min. ..........(Ri-Rf) / Ri < ±10 %
Power Induction - ITU-T K.20, K.21..............GDT ................600 V rms, 200 ohms, 1 second, 10 cycles, every 1 Min. ..........(Ri-Rf) / Ri < ±10 %
Lightning Surge - ITU-T K.20, K.21 ......................................10/700 µs, 25 ohms, 1.0 kV, 10 Tests, every 1 Min. ..................(Ri-Rf) / Ri < ±10 %
Lightning Surge......................................................................10/1000 µs, 40 ohms, 1.0 kV, 30 Tests, every 3 Min. ................(Ri-Rf) / Ri < ±10 %
Overvoltage Withstand ..........................................................300 V, 3 A, 4 Hours, 1 Time ........................................................(Ri-Rf) / Ri < ±10 %
Failure Mode ..........................................................................300 V, RL=0, 60 Min. ..................................................................**
Ri = R initial
Rf = R final
** Circuit disconnected or high resistance is acceptable.
Test Procedures And Requirements For Model CMF-RD Series


Similar Part No. - CMF-RD50-10

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CMF-RD50-10 BOURNS-CMF-RD50-10 Datasheet
246Kb / 2P
   Telecom CPTC Resettable Fuses
More results

Similar Description - CMF-RD50-10

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CMF-RL10 BOURNS-CMF-RL10 Datasheet
319Kb / 2P
   Telecom CPTC Resettable Fuses
CMF-RD50 BOURNS-CMF-RD50 Datasheet
246Kb / 2P
   Telecom CPTC Resettable Fuses
CMF-SDP07 BOURNS-CMF-SDP07 Datasheet
371Kb / 3P
   Telecom CPTC Resettable Fuses
CMF-SD BOURNS-CMF-SD Datasheet
334Kb / 3P
   Telecom CPTC Resettable Fuses
CMF-RQ50 BOURNS-CMF-RQ50 Datasheet
362Kb / 2P
   Telecom CPTC Resettable Fuses
CMF-SD10 BOURNS-CMF-SD10 Datasheet
246Kb / 3P
   Telecom CPTC Resettable Fuses
CMF-RLC50 BOURNS-CMF-RLC50 Datasheet
235Kb / 1P
   Telecom CPTC Resettable Fuses
CMF-RLC50-10-0 BOURNS-CMF-RLC50-10-0 Datasheet
235Kb / 1P
   Telecom CPTC Resettable Fuses
CMF-RQ50-10-0 BOURNS-CMF-RQ50-10-0 Datasheet
362Kb / 2P
   Telecom CPTC Resettable Fuses
MF-SD013 BOURNS-MF-SD013_11 Datasheet
331Kb / 3P
   Telecom PTC Resettable Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com