Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1300660152 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300660152
Description  Quick-Change Female, 1/2 NPT 2, 4 Poles, Receptacle
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1300660152 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300660152 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/06/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300660152
Status:
Active
Overview:
Brad® Quick-Change® Connectors
Description:
Quick-Change® Female, 1/2" NPT 2, 4 Poles, Receptacle, Female (Straight) to 10
AWG Leads, 0.50m (1.64') Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E258922
General
Product Family
Industrial Receptacles
Series
130066
IP Rating
IP67
Overview
Brad® Quick-Change® Connectors
Product Name
Quick-Change®
Type
Single Ended (pigtail)
UPC
78678858950
Physical
Coupling Type
Internal Thread
Gender
Female
Keyway
Single
Length
0.50m
Material - Component
Gray Annodized Aluminum
Mounting Thread Size
1/2" NPT
Orientation
Straight
Panel Mount
Back, Front
Poles
4
Temperature Range - Operating
-20°C to +105°C
Wire Size AWG
10
Wire/Cable Type
THHN
Electrical
Current - Maximum per Contact
25.0A
Voltage - Maximum
600V
Material Info
Old Part Number
CR4000A30M005
Reference - Drawing Numbers
Sales Drawing
SD-130066-025
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
Search Parts in this Series
130066 Series
This document was generated on 07/06/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1300660152

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300660110 MOLEX11-1300660110 Datasheet
42Kb / 1P
   Quick-Change Brad Power Receptacle, 3 Poles, Female
1300660143 MOLEX11-1300660143 Datasheet
30Kb / 1P
   Quick-Change Brad Power Receptacle, 3 Poles, Male
1300660160 MOLEX11-1300660160 Datasheet
42Kb / 1P
   Quick-Change Female, 1/2 NPT 2, 4 Poles, Receptacle, Female
1300660170 MOLEX11-1300660170 Datasheet
30Kb / 1P
   Quick-Change Brad Power Receptacle, 4 Poles, Male
1300660186 MOLEX11-1300660186 Datasheet
30Kb / 1P
   Quick-Change Brad Power Receptacle, 4 Poles, Male
More results

Similar Description - 1300660152

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300660160 MOLEX11-1300660160 Datasheet
42Kb / 1P
   Quick-Change Female, 1/2 NPT 2, 4 Poles, Receptacle, Female
1300660260 MOLEX11-1300660260 Datasheet
30Kb / 1P
   Quick-Change Brad Power Receptacle, 4 Poles, Female
1200840007 MOLEX-1200840007_V01 Datasheet
31Kb / 1P
   Ultra-Lock (M12) Female Receptacle, 4 Poles, 1/2 - 14 NPT Mounting Threads
logo
Ralston Instruments.
QTHA-4FSA-QD RALSTON-QTHA-4FSA-QD Datasheet
321Kb / 1P
   1/2 female NPT Quick-connect x female Quick-test, no checkvalve
XTHA-4FS0-QD RALSTON-XTHA-4FS0-QD Datasheet
694Kb / 1P
   1/2 female NPT Quick-connect x male Quick-test XT, S.S.
QTHA-4FS0-QD RALSTON-QTHA-4FS0-QD Datasheet
345Kb / 1P
   1/2 female NPT Quick-connect x male Quick-test, no checkvalve
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD Datasheet
295Kb / 1P
   1/4 Female NPT with Quick-Disconnect
logo
Molex Electronics Ltd.
1200700183 MOLEX-1200700183 Datasheet
28Kb / 1P
   Micro-Change (M12) Receptacle, 4 Poles, 1/2" - 14 NPT Threads, Straight Male, 0.15m (6.00") Length
08/27/2022
1300660258 MOLEX11-1300660258 Datasheet
30Kb / 1P
   Quick-Change Brad Power Receptacle, 3 Poles, Female
1300660110 MOLEX11-1300660110 Datasheet
42Kb / 1P
   Quick-Change Brad Power Receptacle, 3 Poles, Female
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com