Part Name
         Description
TA8696F

 TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic ( 13 Page)


TOSHIBA
100% 
Zoom Out Zoom In
 6 page
background image
TA8696F
2002-02-13
6
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
L.VCC
8
V
Power supply voltage
H.VCC
14.5
V
Power dissipation
PD
890
mW
Power dissipation lowering rate
qja
7.2
mW/°C
Operating temperature
Topr
-20 to +75
°C
Storage temperature
Tstg
-55 to 150
°C
Note 2: When the IC is operated at 25°C or higher, reduce power dissipation by 12.8 mW per degree.
Recommended Power Supply Voltage
Pin
No.
Pin Name
Min
Typ.
Max
Unit
15
L.VCC
3.3
5.0
7.5
26
H.VCC
10.0
13.0
14.0
V
Electrical Characteristics (unless otherwise specified, VCC
==== 4 V, Ta ==== 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
[1] Operating range
Primary color input white signal level
¾
2
The same conditions are given
to R/G/B-axis.
¾
1.6
¾
V
Primary color input black signal level
¾
2
The same conditions are given
to R/G/B-axis.
¾
0.9
¾
V
CH indication signal level
¾
2
The same conditions are given
to R/G/B-axis.
3
5
5.5
V
Timing pulse level
¾
2
HD
, VD , LD
3
5
5.5
V
[2] Electrical characteristics
Operating power supply current (1)
¾
2
Pin 15.L.VCC = 4 V No load.
5.8
8.4
10.9
mA
Operating power supply current (2)
¾
2
Pin 26.H.VCC = 13 V No load.
3.2
4.6
6.0
mA
Input signal dynamic range
¾
2
¾
1.2
1.4
1.6
V
Input signal pin resistor
RIN
2
¾
10.5
14.0
17.5
k
W
Input signal pin capacity
CIN
2
¾
¾
1
3
pF
Black signal level off-set
¾
2
g off-set open
¾
100
200
mV
Black signal level off-set difference in
the axes
¾
2
¾
¾
50
100
mV
Black signal level off-set adjustment
amount
¾
2
¾
¾
0.3
¾
V
Black signal level off-set adjustment
sensitivity
¾
2
¾
¾
300
¾
mV/V
Input off-set elimination capacity
¾
2
¾
20
26
¾
dB
Off-set cancel difference in the axes
¾
2
¾
¾
50
¾
mV
Typical gain
¾
2
Drive adjustment open
9.4
12.4
15.4
dB
Typical gain difference in the axes
¾
2
Drive adjustment open
¾
0.5
¾
dB
Typical gain difference in the polarity
¾
2
Drive adjustment open
¾
0.5
¾
dB
Maximum gain
¾
2
¾
15.4
18.4
¾
dB
Minimum gain
¾
2
¾
¾
-20
-10
dB



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TA8696FTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA2069AFTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
T6L24TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC SOURCE DRIVER FOR TFT LCD PANELS 1 2 3 4 5 MoreToshiba Semiconductor
TA8409SGTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic Bridge Driver 1 2 3 4 5 MoreToshiba Semiconductor
TA1360ANGTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA1218FTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA2159FTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA4018FTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA4012AFETOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 Toshiba Semiconductor
TA8428KTOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl