Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPA1954G Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # MPA1954G
Description  Power Supply for LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MPA1954G Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

  MPA1954G Datasheet HTML 1Page - Murata Power Solutions Inc. MPA1954G Datasheet HTML 2Page - Murata Power Solutions Inc. MPA1954G Datasheet HTML 3Page - Murata Power Solutions Inc. MPA1954G Datasheet HTML 4Page - Murata Power Solutions Inc. MPA1954G Datasheet HTML 5Page - Murata Power Solutions Inc. MPA1954G Datasheet HTML 6Page - Murata Power Solutions Inc. MPA1954G Datasheet HTML 7Page - Murata Power Solutions Inc. MPA1954G Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PACKING SPECIFICATION
Use for the Model MPA1954 series.
NO.
Q'TY
11/30
22/30
31/30
4
30/30
PACKING PROCESS :
Note: 1. It contains 30 pieces of product in every box.
PARTITION BOARD
Small PE Bag
PRODUCT SPECIFICATION
MPA1954
 Series
Power Supply for LED
PARTS NAME
PACKING BOX
BASE PAD
(2)
(4)
Product specification
8/8
MPA1954 Series
Figture.1
A0024
320mm
400mm
320mm
(2)
(1)
(3)


Similar Part No. - MPA1954G

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MPA1954G MURATA-MPA1954G Datasheet
626Kb / 8P
   Power Supply for LED
More results

Similar Description - MPA1954G

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MPA1967A MURATA-MPA1967A Datasheet
680Kb / 8P
   Power Supply for LED
logo
Murata Power Solutions ...
MPA1954B MURATA-PS-MPA1954B Datasheet
626Kb / 8P
   Power Supply for LED
MPA1954D MURATA-PS-MPA1954D Datasheet
626Kb / 8P
   Power Supply for LED
MPA1962B MURATA-PS-MPA1962B Datasheet
900Kb / 8P
   Power Supply for LED
MPA1967A MURATA-PS-MPA1967A Datasheet
680Kb / 8P
   Power Supply for LED
MPA1948A MURATA-PS-MPA1948A Datasheet
624Kb / 8P
   Power Supply for LED
logo
Murata Manufacturing Co...
MPA1960A MURATA-MPA1960A Datasheet
795Kb / 8P
   Power Supply for LED
logo
Murata Power Solutions ...
MPA1960A MURATA-PS-MPA1960A Datasheet
795Kb / 8P
   Power Supply for LED
MPA1962B-P MURATA-PS-MPA1962B-P Datasheet
900Kb / 8P
   Power Supply for LED
MPA1967C MURATA-PS-MPA1967C Datasheet
680Kb / 8P
   Power Supply for LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com