Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPA1954C Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # MPA1954C
Description  Power Supply for LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MPA1954C Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

  MPA1954C Datasheet HTML 1Page - Murata Power Solutions Inc. MPA1954C Datasheet HTML 2Page - Murata Power Solutions Inc. MPA1954C Datasheet HTML 3Page - Murata Power Solutions Inc. MPA1954C Datasheet HTML 4Page - Murata Power Solutions Inc. MPA1954C Datasheet HTML 5Page - Murata Power Solutions Inc. MPA1954C Datasheet HTML 6Page - Murata Power Solutions Inc. MPA1954C Datasheet HTML 7Page - Murata Power Solutions Inc. MPA1954C Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
【Mounting】
・Please use the place at 50℃ or less around the PSU ambient.
・Please connect the thick and short wire to the FG terminal for safety and EMI.
・Please separate Input wire and Output wire surely.
・Please refer as follows about the Wire for input and output.
 AC-intput wire:φ0.8-1.6mm,0.5-2.5m㎡ single wire (Strip length 9-10mm)
 LED Output wire:φ0.8-1.2mm,0.5-1.5m㎡ single wire (Strip length 9-10mm)
・Please fix a screw about the installation of the power supply.
(more than two places in total)    (Screw hole:φ3.5×4、Φ4.5×2)
【Parallel Operation】
・Series Operation is not possible.
・For parallel operation either method (1) or (2) is possible But please caution as follows
PRODUCT SPECIFICATION
MPA1954
 Series
Power Supply for LED
Mounting method
・For parallel operation, either method (1) or (2) is possible. But please caution as follows.
Parallel 1:In a case of operating the plural LEDs for one power supply.
If LED Vf voltage are different, the current may be partial.
Please add a balance circuit not to become so.
Parallel 2:In a case of operating twe Power supplies for one LED.
The total current of two power supplies pass through in the LED.
And please confirm the leakage current as the system.
7/8
MPA1954 Series
Product specification
PSU
Output
Terminal
PSU
Output
Terminal
LED Load
PSU
Output
Terminal
LED Load
LED Load


Similar Part No. - MPA1954C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MPA1954C MURATA-MPA1954C Datasheet
626Kb / 8P
   Power Supply for LED
More results

Similar Description - MPA1954C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MPA1967A MURATA-MPA1967A Datasheet
680Kb / 8P
   Power Supply for LED
logo
Murata Power Solutions ...
MPA1954B MURATA-PS-MPA1954B Datasheet
626Kb / 8P
   Power Supply for LED
MPA1954G MURATA-PS-MPA1954G Datasheet
626Kb / 8P
   Power Supply for LED
MPA1954D MURATA-PS-MPA1954D Datasheet
626Kb / 8P
   Power Supply for LED
MPA1962B MURATA-PS-MPA1962B Datasheet
900Kb / 8P
   Power Supply for LED
MPA1967A MURATA-PS-MPA1967A Datasheet
680Kb / 8P
   Power Supply for LED
MPA1948A MURATA-PS-MPA1948A Datasheet
624Kb / 8P
   Power Supply for LED
logo
Murata Manufacturing Co...
MPA1960A MURATA-MPA1960A Datasheet
795Kb / 8P
   Power Supply for LED
logo
Murata Power Solutions ...
MPA1960A MURATA-PS-MPA1960A Datasheet
795Kb / 8P
   Power Supply for LED
MPA1962B-P MURATA-PS-MPA1962B-P Datasheet
900Kb / 8P
   Power Supply for LED
MPA1967C MURATA-PS-MPA1967C Datasheet
680Kb / 8P
   Power Supply for LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com