Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8361 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS8361
Description  Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8361 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS8361 Datasheet HTML 1Page - Burr-Brown (TI) ADS8361 Datasheet HTML 2Page - Burr-Brown (TI) ADS8361 Datasheet HTML 3Page - Burr-Brown (TI) ADS8361 Datasheet HTML 4Page - Burr-Brown (TI) ADS8361 Datasheet HTML 5Page - Burr-Brown (TI) ADS8361 Datasheet HTML 6Page - Burr-Brown (TI) ADS8361 Datasheet HTML 7Page - Burr-Brown (TI) ADS8361 Datasheet HTML 8Page - Burr-Brown (TI) ADS8361 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ADS8361
3
SBOS230C
www.ti.com
PARAMETER
CONDITIONS
MIN
TYP(1)
MAX
UNITS
ANALOG INPUT
Full-Scale Range(2)
(FSR)
+IN – (–IN)
±V
REF
V
Operating Common-Mode Signal
2.2
2.8
V
Input Switch Resistance
–IN = VREF
20
Input Capacitance
–IN = VREF
25
pF
Input Leakage Current
–IN = VREF
±1nA
Differential Input Switch Resistance
40
Differential Input Capacitance
15
pF
Common-Mode Rejection Ratio
(CMRR)
At DC
84
dB
VIN = ±1.25Vp-p at 50kHz
80
dB
DC ACCURACY
Resolution
16
Bits
No Missing Code
(NMC)
14
Bits
Integral Linearity Error
(INL)
±3
±8
LSB(3)
Integral Linearity Match
Channel 0/1, Same A/D
4
LSB
Differential Nonlinearity
(DNL)
+1.5(4)
LSB
Bipolar Offset Error
(VOS)
±0.5
±2mV
Bipolar Offset Error Match
Channel 0/1, Same A/D
0.5
1
mV
Bipolar Offset Error Drift
(TCVOS)
0.4
ppm/
°C
Gain Error(6)
(GERR)
±0.05
±0.5
%
Gain Error Match
0.05
0.15
%
Gain Error Drift
(TCGERR)
20
ppm/
°C
Noise
60
µVrms
Power-Supply Rejection Ratio
(PSRR)
4.75V < AVDD < 5.25V, with
–70
dB
External Reference, at DC
SAMPLING DYNAMICS
Conversion Time per A/D
(tCONV)
100kHz
≤ f
CLK ≤ 10MHz
1.6
160
µs
Acquisition Time
(tAQ)fCLK = 10MHz
400
ns
Throughout Rate
500
kSPS
Aperture Delay
5ns
Aperture Delay Matching
100
ps
Aperture Jitter
50
ps
Clock Frequency
0.1
10
MHz
AC ACCURACY
Total Harmonic Distortion
(THD)
VIN = ±2.5Vp-p at 10kHz
–94
dB
Spurious-Free Dynamic Range
(SFDR)
VIN = ±2.5Vp-p at 10kHz
94
dB
Signal-to-Noise Ratio
(SNR)
VIN = ±2.5Vp-p at 10kHz
83
dB
Signal-to-Noise + Distortion
(SINAD)
VIN = ±2.5Vp-p at 10kHz
83
dB
Channel-to-Channel Isolation
VIN = ±2.5Vp-p at 10kHz
96
dB
VOLTAGE REFERENCE OUTPUT
Reference Voltage Ouput
(VOUT)
2.475
2.5
2.525
V
Initial Accuracy
±1%
Output Voltage Temperature Drift (dVOUT/dT)
±20
ppm/
°C
Output Voltage Noise
f = 0.1Hz to 10Hz, CL = 10µF10
µVp-p
f = 10Hz to 10kHz, CL = 10µF12
µVrms
Power-Supply Rejection Ratio
(PSRR)
60
dB
Output Current
(IOUT)10
µA
Short-Circuit Current
(ISC)
0.5
mA
Turn On Settling Time
to 0.1% at CL = 0
100
µs
VOLTAGE REFERENCE INPUT
Reference Voltage Input
(VIN)
1.2
2.5
2.6
V
Reference Input Resistance
100
M
Reference Input Capacitance
5pF
Reference Input Current
1
µA
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range at –40
°C to 85°C, AV
DD = 5V, BVDD = 3V, VREF = internal +2.5V, fCLK = 10MHz, and fSAMPLE = 500 kSPS,
unless otherwise noted.
NOTES: (1) All Values are at TA = 25°C. (2) Ideal input span; does not include gain or offset error. (3) LSB means Least Significant Bit, with VREF equal to +2.5V;
1LSB = 76
µV. (4) Specified for 14-bit no missing code. (5) Specified for 15-bit no missing code. (6) Measured relative to an ideal, full-scale input (+IN – (–IN)) of
4.9999V. Thus, gain error does not include the error of the internal voltage reference.
ADS8361


Similar Part No. - ADS8361

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8361 TI1-ADS8361 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
ADS8361 TI-ADS8361 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361 TI1-ADS8361 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQ TI-ADS8361IDBQ Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQ TI1-ADS8361IDBQ Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling
More results

Similar Description - ADS8361

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQG4 TI1-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8323 BURR-BROWN-ADS8323 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com