Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN33D8LV Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN33D8LV
Description  Low On-Resistance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN33D8LV Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN33D8LV Datasheet HTML 1Page - Diodes Incorporated DMN33D8LV Datasheet HTML 2Page - Diodes Incorporated DMN33D8LV Datasheet HTML 3Page - Diodes Incorporated DMN33D8LV Datasheet HTML 4Page - Diodes Incorporated DMN33D8LV Datasheet HTML 5Page - Diodes Incorporated DMN33D8LV Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN33D8LV
Document number: DS36892 Rev. 2 - 2
3 of 6
www.diodes.com
July 2014
© Diodes Incorporated
DMN33D8LV
V , DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
0.5
1
1.5
2
2.5
3
V= 2.5V
GS
V= 2.0V
GS
V= 1.8V
GS
V= 1.6V
GS
V= 3.0V
GS
V
= 10V
GS
V= 4.0V
GS
V= 4.5V
GS
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.5
1
1.5
2
2.5
3
3.5
4
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
V
= 2.5V
GS
V
= 4.5V
GS
V
= 10V
GS
V
= 4.0V
GS
I , DRAIN CURRENT (A)
D
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
T , JUNCTION TEMPERATURE ( C)
Figure 5 On-Resistance Variation with Temperature
J
°
-50
-25
0
25
50
75
100
125 150
V
= 4.5V
I = 300mA
GS
D
V=
V
I = 500mA
GS
D
10
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
°
0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
150
V
= 4.5V
I = 300mA
GS
D
V=
V
I = 500mA
GS
D
10


Similar Part No. - DMN33D8LV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN33D8LV-13 DIODES-DMN33D8LV-13 Datasheet
294Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN33D8LV-7 DIODES-DMN33D8LV-7 Datasheet
294Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN33D8LVQ DIODES-DMN33D8LVQ Datasheet
611Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
June 2022 Rev. 2 - 2
DMN33D8LVQ-13 DIODES-DMN33D8LVQ-13 Datasheet
611Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
June 2022 Rev. 2 - 2
DMN33D8LVQ-7 DIODES-DMN33D8LVQ-7 Datasheet
611Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
June 2022 Rev. 2 - 2
More results

Similar Description - DMN33D8LV

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com