Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA360AIDCKT Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA360AIDCKT
Description  3V Video Amplifier with 6dB Gain and Filter in SC70
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA360AIDCKT Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA360AIDCKT Datasheet HTML 1Page - Burr-Brown (TI) OPA360AIDCKT Datasheet HTML 2Page - Burr-Brown (TI) OPA360AIDCKT Datasheet HTML 3Page - Burr-Brown (TI) OPA360AIDCKT Datasheet HTML 4Page - Burr-Brown (TI) OPA360AIDCKT Datasheet HTML 5Page - Burr-Brown (TI) OPA360AIDCKT Datasheet HTML 6Page - Burr-Brown (TI) OPA360AIDCKT Datasheet HTML 7Page - Burr-Brown (TI) OPA360AIDCKT Datasheet HTML 8Page - Burr-Brown (TI) OPA360AIDCKT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
OPA360
SB0S294C − DECEMBER 2003 − REVISED JULY 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = +2.7V to +3.3V Single-Supply
Boldface limits apply over the temperature range, TA = −40°C to +85°C.
All specifications at TA = +25°C, RF = 150kΩ connected to GND, unless otherwise noted.
OPA360
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OFFSET LEVEL-SHIFT VOLTAGE
Output Level-Shift Voltage(1)
VOLS
VS = +3.3V, VIN = GND, G = +2
30
60
80
mV
Over Temperature
Specified Temperature Range
60
mV
vs. Power Supply
PSRR
VS = +2.7V to +3.3V
±80
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±3
pA
INPUT VOLTAGE RANGE
Common-Mode Voltage Range(2)
VCM
VS = 3.3V, G = +2
GND
(V+) − 1.5
V
VOLTAGE GAIN
VS = +3.3V, 0 < VIN < 1.5V
5.8
6
6.2
dB
FREQUENCY RESPONSE
Filter Response
Normalized Gain: fIN = 4.5MHz
VO = 2VPP
−0.6
−0.1
+0.4
dB
fIN = 27MHz
VO = 2VPP
−18
−21
dB
Differential Gain Error
RL = 150Ω
0.5
%
Differential Phase Error
RL = 150Ω
1
°
Group Delay Variation
100kHz, 5MHz
13
ns
Signal-to-Noise Ratio
SNR
100% White Signal
70
dB
OUTPUT
Positive Voltage Output Swing from Rail
VS = +3.3V, G = 2, VIN = 2V, RL = 150Ω to GND
160
300
mV
Negative Voltage Output Swing from Rail
VS = +3.3V, G = 2, VIN = 0V, RL = 150Ω to GND
3
25
mV
Positive Voltage Output Swing from Rail
VS = +3.3V, G = 2, VIN = 2V, RL = 75Ω to GND
300
mV
Negative Voltage Output Swing from Rail
VS = +3.3V, G = 2, VIN = 0V, RL = 75Ω to GND
10
mV
Output Current(3)
IO
VS = +3.3V
±80
mA
POWER SUPPLY
Specified Voltage Range
VS
2.7
3.3
V
Minimum Operating Voltage Range
2.5 to 3.6
V
Quiescent Current
IQ
VS = +3.3V, Enabled, IO = 0
6
7.5
mA
Specified Temperature Range
9
mA
ENABLE/SHUTDOWN FUNCTION
Disabled (logic-LOW Threshold)
0.8
V
Enabled (logic-HIGH Threshold)
1.6
V
Enable Time
1.5
µs
Disable Time
50
ns
Shutdown Current
VS = +3.3, Disabled
2.5
5
µA
TEMPERATURE RANGE
Specified Range
−40
+85
°C
Operating Range
−40
+85
°C
Storage Range
−65
+150
°C
Thermal Resistance
qJA
SC70
250
°C/W
(1) Output referred. Tested with SAG pin connected to OUT pin.
(2) Limited by output swing and internal G = 2. Tested with the SAG pin connected to OUT pin.
(3) See typical characteristics Output Voltage Swing vs Output Current.


Similar Part No. - OPA360AIDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA360AIDCKT TI1-OPA360AIDCKT Datasheet
1Mb / 24P
[Old version datasheet]   3V Video Amplifier with 6dB Gain and Filter
OPA360AIDCKTG4 TI1-OPA360AIDCKTG4 Datasheet
1Mb / 24P
[Old version datasheet]   3V Video Amplifier with 6dB Gain and Filter
More results

Similar Description - OPA360AIDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
[Old version datasheet]   3V Video Amplifier with 6dB Gain and Filter
OPA361-Q1 TI1-OPA361-Q1 Datasheet
533Kb / 18P
[Old version datasheet]   3V Video Amplifier with Internal Gain and Filter in SC70
OPA361AIDCKR TI-OPA361AIDCKR Datasheet
618Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA362 TI-OPA362 Datasheet
708Kb / 18P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA361AIDCKTG4 TI-OPA361AIDCKTG4 Datasheet
632Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9680 MAXIM-MAX9680_10 Datasheet
1Mb / 9P
   3V Video Amplifier with Internal Gain and Filter in SC70
Rev 1; 12/10
logo
Texas Instruments
OPA361AIDCKT TI-OPA361AIDCKT Datasheet
632Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9680 MAXIM-MAX9680 Datasheet
1Mb / 8P
   3V Video Amplifier with Internal Gain and Filter in SC70
Rev 0; 9/09
logo
SG Micro Corp
SGM9114 SGMICRO-SGM9114 Datasheet
319Kb / 11P
   Video Driver with 6dB Gain
SGM9111 SGMICRO-SGM9111_15 Datasheet
283Kb / 11P
   Video Driver with 6dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com