Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74LS352N Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS352N
Description  Dual 4-Line to 1-Line Data Selectors/Multiplexers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS352N Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM74LS352N Datasheet HTML 1Page - National Semiconductor (TI) DM74LS352N Datasheet HTML 2Page - National Semiconductor (TI) DM74LS352N Datasheet HTML 3Page - National Semiconductor (TI) DM74LS352N Datasheet HTML 4Page - National Semiconductor (TI) DM74LS352N Datasheet HTML 5Page - National Semiconductor (TI) DM74LS352N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From
54LS
DM74LS
Symbol
Parameter
(Input)
CL e 15 pF
CL e 50 pF
Units
To
RL e 2kX
(Output)
Min
Max
Min
Max
tPLH
Propagation Delay Time
Data to Y
12
24
ns
Low to High Level Output
tPHL
Propagation Delay Time
Data to Y
12
35
ns
High to Low Level Output
tPLH
Propagation Delay Time
Select to Y
22
33
ns
Low to High Level Output
tPHL
Propagation Delay Time
Select to Y
38
47
ns
High to Low Level Output
tPLH
Propagation Delay Time
Strobe to Y
15
29
ns
Low to High Level Output
tPHL
Propagation Delay Time
Strobe to Y
20
41
ns
High to Low Level Output
Logic Diagram
TLF6425 – 2
3


Similar Part No. - DM74LS352N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS353 NSC-DM74LS353 Datasheet
106Kb / 6P
   Dual 4-Input Multiplexer with TRI-STATE-R Outputs
DM74LS353M NSC-DM74LS353M Datasheet
106Kb / 6P
   Dual 4-Input Multiplexer with TRI-STATE-R Outputs
DM74LS353N NSC-DM74LS353N Datasheet
106Kb / 6P
   Dual 4-Input Multiplexer with TRI-STATE-R Outputs
More results

Similar Description - DM74LS352N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS352 TI-SN54ALS352 Datasheet
94Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54153 TI1-SN54153_15 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Renesas Technology Corp
HD74LS153 RENESAS-HD74LS153 Datasheet
82Kb / 8P
   Dual 4-Line to 1-Line Data Selectors / Multiplexers
logo
Texas Instruments
SN54HC153 TI1-SN54HC153_15 Datasheet
1Mb / 21P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC153 TI-CD54AC153 Datasheet
338Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74F352 TI1-SN74F352 Datasheet
181Kb / 5P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SNJ54HC253J TI1-SNJ54HC253J Datasheet
995Kb / 19P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
National Semiconductor ...
54153 NSC-54153 Datasheet
120Kb / 6P
   Dual 4-Line to 1-Line Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS352 TI1-SN54ALS352_11 Datasheet
349Kb / 11P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
National Semiconductor ...
54LS153 NSC-54LS153 Datasheet
142Kb / 6P
   Dual 4-Line to 1-Line Data Selectors/Multiplexers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com