Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R-78B1.5-1.5 Datasheet(PDF) 2 Page - Recom International Power

Part # R-78B1.5-1.5
Description  1.5 AMP SIP3 Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78B1.5-1.5 Datasheet(HTML) 2 Page - Recom International Power

  R-78B1.5-1.5 Datasheet HTML 1Page - Recom International Power R-78B1.5-1.5 Datasheet HTML 2Page - Recom International Power R-78B1.5-1.5 Datasheet HTML 3Page - Recom International Power R-78B1.5-1.5 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
50
Efficiency Vs Vin (Full Load)
Vo=1.8V
Vo=2.5V
Vo=5V
Vo=3.3V
25
Vin ( V )
10
15
18
75
100
Vo=1.5V
Vo=6.5V
5
Efficiency
25
Ripple Vs Vin (Full Load)
Vo=1.8V
Vo=2.5V
Vo=5V
Vo=3.3V
Vin ( V )
10
15
18
50
Vo=1.5V
Vo=6.5V
5
Ripple
Characteristics
Conditions
Min.
Typ.
Max.
Quiescent Current
Vin = min. to max. at 0% load
7mA
9mA
Input Reflected Ripple Current
All Series
150mA
200mAp-p
Operating Temperature Range
-40°C
+85°C
Operating Case Temperature
+100°C
Storage Temperature Range
-55°C
+125°C
Case Thermal Impedance
60°C / W
Relative Humidity
95% RH
Case Material
Epoxy with Non-Conductive Plastic Case (UL94V-0)
Package Weight
4g
Packing Quantity
42 pcs per Tube
Conducted Emissions
EN55022
Class B
Radiated Emissions
EN55022
Class B
ESD
EN61000-4-2
Class A
IEC/EN General Safety
Report: SPCLVD 1407030-1
IEC/EN-60950-1, 2nd Edition
MTBF (+25°C)
using MIL-HDBK 217F
3250 x 10³ hours
(+71°C)
using MIL-HDBK 217F
1059 x 10³ hours
R-78Bxx-1.5
(L) Series
Specifications (refer to the standard application circuit, Ta: 25°C, minimum load = 10 %)
INNOLINE
DC/DC-Converter
} DetailedInformationsee
Application Notes chapter "MTBF"
*Note: Operation under no load will not damage these devices, however they may not meet all specifications. A minimum load of 10mA is recommended
R-78Bxx-1.5
-Vout
+Vout
+Vin
-Vin
Typical Application Circuit
Characteristics
I-26
www.recom-power.com
REV: 0/2015


Similar Part No. - R-78B1.5-1.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
R-78B1.5-1.5L RECOM-R-78B1.5-1.5L Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
More results

Similar Description - R-78B1.5-1.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-78W-0.5 RECOM-R-78W-0.5 Datasheet
824Kb / 3P
   0.5 AMP SIP3 Single Output
R-78K-0.5 RECOM-R-78K-0.5 Datasheet
1Mb / 9P
   0.5 Amp SIP3 Single Output
REV.: 0/2023
R-78C1.8-1.0 RECOM-R-78C1.8-1.0 Datasheet
102Kb / 2P
   1.0 AMP SIP3 Single Output
R-78HB RECOM-R-78HB Datasheet
104Kb / 4P
   0.5 AMP SIP3 Single Output
R-78C-1.0 RECOM-R-78C-1.0 Datasheet
96Kb / 2P
   1.0 AMP SIP3 Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com