Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5255B Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MMSZ5255B
Description  ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MMSZ5255B Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MMSZ5255B Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMSZ5255B Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMSZ5255B Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMSZ5255B Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMSZ5255B Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOD-123 Plastic-Encapsulate Diodes
MMSZ5221B-MMSZ5259B ZENER DIODE
FEATURES
• Planar Die Construction
• Ultra-Small Surface Mount Package
• General purpose, Medium Current
• Ideally Suited for Automated Assembly Processes
Maximum Ratings(Ta=25℃ unless otherwise specified)
Characteristic
Symbol
Value
Unit
Forward Voltage (Note 2)
@ IF = 10mA
VF
0.9
V
Power Dissipation(Note 1)
Pd
350
mW
Thermal Resistance, Junction to Ambient Air
RθJA
357
℃/W
Notes:1. Device mounted on ceramic PCB; 7.6 mm x 9.4 mm x 0.87 mm with pad areas 25 mm2.
2. Tested with pulses, Tp≤1.0ms.
SOD-123
www.cj-elec.com
1
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-
55~+150
C,Mar,2015


Similar Part No. - MMSZ5255B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5255B PANJIT-MMSZ5255B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diode Semiconductor Kor...
MMSZ5255B DSK-MMSZ5255B Datasheet
257Kb / 4P
   Surface mount zener diode
logo
Guangdong Kexin Industr...
MMSZ5255B KEXIN-MMSZ5255B Datasheet
47Kb / 2P
   Surface Mount Zener Diodes
logo
UN Semiconducctor INC
MMSZ5255B UNSEMI-MMSZ5255B Datasheet
2Mb / 6P
   SOD-123 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
logo
Shenzhen Luguang Electr...
MMSZ5255B LUGUANG-MMSZ5255B Datasheet
197Kb / 3P
   500mW Surface Mount Zener Diode
More results

Similar Description - MMSZ5255B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com