Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5248B Datasheet(PDF) 5 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MMBZ5248B
Description  ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MMBZ5248B Datasheet(HTML) 5 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MMBZ5248B Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBZ5248B Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBZ5248B Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBZ5248B Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBZ5248B Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SOT-23 Tape and Reel
www.cj-elec.com
5
D,Apr,2015


Similar Part No. - MMBZ5248B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5248B PANJIT-MMBZ5248B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Galaxy Semi-Conductor H...
MMBZ5248B BILIN-MMBZ5248B Datasheet
219Kb / 5P
   350mW Surface Mount Zener Diode
logo
SUNMATE electronic Co.,...
MMBZ5248B SUNMATE-MMBZ5248B Datasheet
372Kb / 2P
   300 MW Surface Mount Zener Diodes
logo
Fairchild Semiconductor
MMBZ5248B FAIRCHILD-MMBZ5248B Datasheet
204Kb / 6P
   Zeners
logo
TAITRON Components Inco...
MMBZ5248B TAITRON-MMBZ5248B Datasheet
192Kb / 5P
   350mW Surface Mount Zener Diodes
More results

Similar Description - MMBZ5248B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com