Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM3010 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FODM3010
Description  4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM-PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM3010 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FODM3010 Datasheet HTML 1Page - Fairchild Semiconductor FODM3010 Datasheet HTML 2Page - Fairchild Semiconductor FODM3010 Datasheet HTML 3Page - Fairchild Semiconductor FODM3010 Datasheet HTML 4Page - Fairchild Semiconductor FODM3010 Datasheet HTML 5Page - Fairchild Semiconductor FODM3010 Datasheet HTML 6Page - Fairchild Semiconductor FODM3010 Datasheet HTML 7Page - Fairchild Semiconductor FODM3010 Datasheet HTML 8Page - Fairchild Semiconductor FODM3010 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PACKAGE DIMENSIONS
11/10/03
Page 1 of 10
© 2003 Fairchild Semiconductor Corporation
4-PIN FULL PITCH MINI-FLAT PACKAGE
RANDOM-PHASE TRIAC DRIVER
OUTPUT OPTOCOUPLERS
FODM3010
FODM3011
FODM3012
FODM3021
FODM3022
FODM3023
DESCRIPTION
The FODM301X and FODM302X series consists of a GaAs infrared emitting diode driving a silicon bilateral switch housed in a
compact 4-pin mini-flat package. The lead pitch is 2.54 mm. They are designed for interfacing between electronic controls and
power triacs to control resistive and inductive loads for 115V/240V operations.
FEATURES
Compact 4-pin surface mount package
(2.4 mm maximum standoff height)
Peak blocking voltage
250V (FODM301X)
400V (FODM302X)
Available in tape and reel quantities of
500 and 2500.
Applicable to Infrared Ray reflow
(230°C max, 30 seconds.)
BSI, CSA and VDE certifications
pending
UL (File# E90700) certified
APPLICATIONS
Industrial controls
• Solenoid/valve controls
Traffic lights
• Static AC power switch
Vending machines
• Incandescent lamp dimmers
Solid state relay
• Motor control
Lamp ballasts
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Value
Units
TOTAL PACKAGE
Storage Temperature
TSTG
-40 to +125
°C
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
-40 to +85
°C
EMITTER
Continuous Forward Current
IF (avg)
60
mA
Peak Forward Current (1 µs pulse, 300 pps.)
IF (pk)
1A
Reverse Input Voltage
VR
3V
Power Dissipation (No derating required over operating temp. range)
PD
100
mW
DETECTOR
On-State RMS Current
IT(RMS)
70
mA (RMS)
Off-State Output Terminal Voltage
FODM3010/1/2
VDRM
250
V
FODM3021/2/3
400
Power Dissipation (No derating required over operating temp. range)
PD
300
mW
NOTE
All dimensions are in inches (millimeters)
0.287 (7.29)
0.248 (6.30)
0.020 (0.51)
0.012 (0.30)
0.169 (4.29)
0.154 (3.91)
0.173 (4.40)
TYP
0.035 (0.89)
0.012 (0.30)
0.008 (0.20)
0.000 (0.0)
0.100 (2.54) TY
0.026 (0.66)
P
0.033 (0.85)
0.026 (0.65)
0.094 (2.39)
0.079 (2.01)
PIN 1
1
2
4
3
MAIN
TERMINAL
MAIN
TERMINAL
ANODE
CATHODE


Similar Part No. - FODM3010

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM3010 FAIRCHILD-FODM3010 Datasheet
492Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3010 FAIRCHILD-FODM3010 Datasheet
493Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3010 FAIRCHILD-FODM3010_05 Datasheet
492Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
More results

Similar Description - FODM3010

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM30XX FAIRCHILD-FODM30XX Datasheet
173Kb / 11P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3012R2 FAIRCHILD-FODM3012R2 Datasheet
255Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011 Datasheet
942Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October-2017, Rev. 2
logo
Fairchild Semiconductor
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
logo
Fairchild Semiconductor
FODM3051 FAIRCHILD-FODM3051_05 Datasheet
478Kb / 8P
   4-Pin Full Pitch Mini-Flat Package Random Phase Triac Driver Output Optocouplers
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V02 Datasheet
224Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
FODM3011 FAIRCHILD-FODM3011_09 Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3023R2 FAIRCHILD-FODM3023R2 Datasheet
493Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3010 FAIRCHILD-FODM3010_05 Datasheet
492Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3012R FAIRCHILD-FODM3012R Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com