Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FODM3010 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. FODM3010
Description  4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM-PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 6 page
background image
FODM3010
FODM3011
FODM3012
FODM3021
FODM3022
FODM3023
11/10/03
Page 6 of 10
© 2003 Fairchild Semiconductor Corporation
4-PIN FULL PITCH MINI-FLAT PACKAGE
RANDOM-PHASE TRIAC DRIVER
OUTPUT OPTOCOUPLERS
Figure 12. Typical Application Circuit
VCC
Rin
1
2
4
3
0.05
µF
0.01
µF
LOAD
360
39
470
240
VAC
HOT
GROUND
FODM3021
FODM3022
FODM3023
Figure 11. Inductive Load with Sensitive Gate Triac (IGT ≤ 15 mA)
Rin
VCC
1
2
4
3
0.2
µF
180
C1
1.2 k
ZL
120 V
60 Hz
FODM3010
FODM3011
FODM3012
In this circuit the “hot” side of the line is switched and the load connected to the cold or ground side.
The 39 ohm resistor and 0.01 µF capacitor are for snubbing of the triac, and the 470 ohm resistor and 0.05
mF capacitor are for snubbing the coupler. These components may or may not be necessary depending
upon the particular and load used.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FODM30534-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
HMA121FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
HMHAA280HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
TCLT11Optocoupler Phototransistor Output SOP-6L5 Half Pitch Long Mini-Flat Package 1 2 3 4 5 MoreVishay Siliconix
MOC3010M6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT 250/400 VOLT PEAK 1 2 3 4 5 MoreFairchild Semiconductor
TCMT1600Optocoupler Phototransistor Output AC Input Single/Quad Channel Half Pitch Mini-Flat Package 1 2 3 4 5 MoreVishay Siliconix
TCMD4000Optocoupler Photodarlington Output High Gain Single/Quad Channel Half Pitch Mini-Flat Package 1 2 3 4 5 MoreVishay Siliconix
MOC3010-M6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT 250/400 VOLT PEAK 1 2 3 4 5 MoreFairchild Semiconductor
MOC30106-Pin DIP Random-Phase Optoisolators Triac Driver Output 1 2 3 4 5 MoreMotorola, Inc
MOC30206-Pin DIP Random-Phase Optoisolators Triac Driver Output 1 2 3 4 5 MoreMotorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl