Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FODM3010 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. FODM3010
Description  4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM-PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 4 page
background image
FODM3010
FODM3011
FODM3012
FODM3021
FODM3022
FODM3023
11/10/03
Page 4 of 10
© 2003 Fairchild Semiconductor Corporation
4-PIN FULL PITCH MINI-FLAT PACKAGE
RANDOM-PHASE TRIAC DRIVER
OUTPUT OPTOCOUPLERS
Fig. 7 On-State Characteristics
VTM - ON-STATE VOLTAGE (V)
-4
-3
-2
-1
0
1
2
3
4
-800
-600
-400
-200
0
200
400
600
800
TA = 25°C
Fig. 5 LED Current Required to Trigger vs. LED Pulse Width
Fig. 6 Off-state Output Terminal Voltage vs. Ambient Temperature
PWIN - LED TRIGGER PULSE WIDTH (µs)
110
100
0
2
4
6
8
10
12
TA = 25°C
NORMALIZED TO PWIN >> 100µs
TA - AMBIENT TEMPERATURE (°C)
-40
-20
0
20406080
100
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
NORMALIED TO TA = 25°C
TYPICAL PERFORMANCE CURVES




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FODM30534-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
HMA121FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
HMHAA280HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
TCLT11Optocoupler Phototransistor Output SOP-6L5 Half Pitch Long Mini-Flat Package 1 2 3 4 5 MoreVishay Siliconix
MOC3010M6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT 250/400 VOLT PEAK 1 2 3 4 5 MoreFairchild Semiconductor
TCMT1600Optocoupler Phototransistor Output AC Input Single/Quad Channel Half Pitch Mini-Flat Package 1 2 3 4 5 MoreVishay Siliconix
TCMD4000Optocoupler Photodarlington Output High Gain Single/Quad Channel Half Pitch Mini-Flat Package 1 2 3 4 5 MoreVishay Siliconix
MOC3010-M6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT 250/400 VOLT PEAK 1 2 3 4 5 MoreFairchild Semiconductor
MOC30106-Pin DIP Random-Phase Optoisolators Triac Driver Output 1 2 3 4 5 MoreMotorola, Inc
MOC30206-Pin DIP Random-Phase Optoisolators Triac Driver Output 1 2 3 4 5 MoreMotorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl