Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FODM3010 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FODM3010
Description  4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM-PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 3 page
background image
11/10/03
Page 3 of 10
© 2003 Fairchild Semiconductor Corporation
FODM3010
FODM3011
FODM3012
FODM3021
FODM3022
FODM3023
4-PIN FULL PITCH MINI-FLAT PACKAGE
RANDOM-PHASE TRIAC DRIVER
OUTPUT OPTOCOUPLERS
Fig. 1 LED Forward Voltage vs. Forward Current
Fig. 2 Leakage Current vs. Ambient Temperature
Fig. 3 Holding Current vs. Ambient Temperature
Fig. 4 Trigger Current vs. Ambient Temperature
IF - FORWARD CURRENT (mA)
110
100
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
TA = -40°C
TA = 25°C
TA = 85°C
TA - AMBIENT TEMPERATURE (°C)
-40
-20
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
VTM = 3V
NORMALIZED TO TA = 25°C
TA - AMBIENT TEMPERATURE (°C)
-40
-20
0.1
1.0
NORMALIZED TO TA = 25°C
2
5
0.2
0.5
TA - AMBIENT TEMPERATURE (°C)
-40
-20
0
20
406080
100
0
20
406080
100
020
40
60
80
100
0.1
1
10
100
1000
VDRM = 400V
TYPICAL PERFORMANCE CURVES




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FODM30534-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
HMA121FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
HMHAA280HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
TCLT11Optocoupler Phototransistor Output SOP-6L5 Half Pitch Long Mini-Flat Package 1 2 3 4 5 MoreVishay Siliconix
MOC3010M6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT 250/400 VOLT PEAK 1 2 3 4 5 MoreFairchild Semiconductor
TCMT1600Optocoupler Phototransistor Output AC Input Single/Quad Channel Half Pitch Mini-Flat Package 1 2 3 4 5 MoreVishay Siliconix
TCMD4000Optocoupler Photodarlington Output High Gain Single/Quad Channel Half Pitch Mini-Flat Package 1 2 3 4 5 MoreVishay Siliconix
MOC3010-M6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT 250/400 VOLT PEAK 1 2 3 4 5 MoreFairchild Semiconductor
MOC30106-Pin DIP Random-Phase Optoisolators Triac Driver Output 1 2 3 4 5 MoreMotorola, Inc
MOC30206-Pin DIP Random-Phase Optoisolators Triac Driver Output 1 2 3 4 5 MoreMotorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl