Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5235C Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MMBZ5235C
Description  ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MMBZ5235C Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MMBZ5235C Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBZ5235C Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBZ5235C Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBZ5235C Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBZ5235C Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Zener Voltage Range
(Note 1)
Test
Current
Maximum Zener
Impedance
(Note 2)
Maximum Reverse
Leakage Current
(Note 1)
VZ @ IZT
IZT
ZZT@ IZT
ZZK@ IZK
=0.25mA
IR
@VR
Type Number
Marking
Code
Nom (V)
Min (V)
Max (V)
mA
µA
V
MMBZ5221C
2KC1
2.4
2.35
2.45
20
30
1200
100
1.0
MMBZ5222C
2KC2
2.5
2.45
2.55
20
30
1250
100
1.0
MMBZ5223C
2KC3
2.7
2.65
2.75
20
30
1300
75
1.0
MMBZ5225C
2KC5
3.0
2.94
3.06
20
30
1600
50
1.0
MMBZ5226C
2KG1
3.3
3.23
3.37
20
28
1600
25
1.0
MMBZ5227C
2KG2
3.6
3.53
3.67
20
24
1700
15
1.0
MMBZ5228C
2KG3
3.9
3.82
3.98
20
23
1900
10
1.0
MMBZ5229C
2KG4
4.3
4.21
4.39
20
22
2000
5.0
1.0
MMBZ5230C
2KG5
4.7
4.61
4.79
20
19
1900
5.0
2.0
MMBZ5231C
2KE1
5.1
5.00
5.20
20
17
1600
5.0
2.0
MMBZ5232C
2KE2
5.6
5.49
5.71
20
11
1600
5.0
3.0
MMBZ5233C
2KE3
6.0
5.88
6.12
20
7
1600
5.0
3.5
MMBZ5234C
2KE4
6.2
6.08
6.32
20
7
1000
5.0
4.0
MMBZ5235C
2KE5
6.8
6.66
6.94
20
5
750
3.0
5.0
MMBZ5236C
2KF1
7.5
7.35
7.65
20
6
500
3.0
6.0
MMBZ5237C
2KF2
8.2
8.04
8.36
20
8
500
3.0
6.5
MMBZ5238C
2KF3
8.7
8.53
8.87
20
8
600
3.0
6.5
MMBZ5239C
2KF4
9.1
8.92
9.28
20
10
600
3.0
7.0
MMBZ5240C
2KF5
10
9.80
10.20
20
17
600
3.0
8.0
MMBZ5241C
2KH1
11
10.78
11.22
20
22
600
2.0
8.4
MMBZ5242C
2KH2
12
11.76
12.24
20
30
600
1.0
9.1
MMBZ5243C
2KH3
13
12.74
13.26
9.5
13
600
0.5
9.9
MMBZ5244C
2KH4
14
13.72
14.28
9.0
15
600
0.1
10
MMBZ5245C
2KH5
15
14.70
15.30
8.5
16
600
0.1
11
MMBZ5246C
2KJ1
16
15.68
16.32
7.8
17
600
0.1
12
MMBZ5247C
2KJ2
17
16.66
17.34
7.4
19
600
0.1
13
MMBZ5248C
2KJ3
18
17.64
18.36
7.0
21
600
0.1
14
MMBZ5249C
2KJ4
19
18.62
19.38
6.6
23
600
0.1
14
MMBZ5250C
2KJ5
20
19.60
20.40
6.2
25
600
0.1
15
MMBZ5251C
2KK1
22
21.56
22.44
5.6
29
600
0.1
17
MMBZ5252C
2KK2
24
23.52
24.48
5.2
33
600
0.1
18
MMBZ5253C
2KK3
25
24.50
25.50
5.0
35
600
0.1
19
MMBZ5254C
2KK4
27
26.46
27.54
5.0
41
600
0.1
21
MMBZ5255C
2KK5
28
27.44
28.56
4.5
44
600
0.1
21
MMBZ5256C
2KM1
30
29.40
30.60
4.2
49
600
0.1
23
MMBZ5257C
2KM2
33
32.34
33.66
3.8
58
700
0.1
25
MMBZ5258C
2KM3
36
35.28
36.72
3.4
70
700
0.1
27
MMBZ5259C
2KM4
39
38.22
39.78
3.2
80
800
0.1
30
Note:
1. Short duration pulse test used to minimize self-heating effect.
2. f =1kHz.
www.cj-elec.com
2
ELECTRICAL CHARACTERISTICS
T
a=25unless otherwise specified
C,Apr,2015


Similar Part No. - MMBZ5235C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMBZ5235C MCC-MMBZ5235C Datasheet
200Kb / 4P
   350 mW Zener Diode 4.3 to 51 Volts
More results

Similar Description - MMBZ5235C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com