Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5221CS Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MMSZ5221CS
Description  ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MMSZ5221CS Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MMSZ5221CS Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMSZ5221CS Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMSZ5221CS Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMSZ5221CS Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMSZ5221CS Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
4
8
12
16
20
24
-5
0
5
10
15
20
0
25
50
75
100
125
150
0
50
100
150
200
250
0
4
8
12
16
20
24
1
10
100
1000
0
4
8
12
16
20
24
1E-4
1E-3
0.01
0.1
1
45
67
89
10
11
1
10
100
0
4
8
12
16
20
24
1
10
100
1000
10
15
20
25
1
10
100
V
Z @ IZT
TYPICAL T
a VALUES
FOR MMSZ52XXCS SERIES
Temperature Coefficients
V
Z, NOMINAL ZENER VOLTAGE (V)
Power Derating Curve
AMBIENT TEMPERATURE T
a
( )
I
ZT
Effect of Zener Voltage on Zener Impedance
I
Z=0.25mA
T
a=25
I
Z(AC)=0.1IZ(DC)
f=1kHz
V
Z, NOMINAL ZENER VOLTAGE (V)
Pulsed
Typical Leakage Current
V
Z, NOMINAL ZENER VOLTAGE (V)
T
a=25
T
a=100
3000
T
a =25
Pulsed
0.5
P
D =200mW
0.5
Zener Characteristics(V
Z
Up to 10 V)
V
Z, ZENER VOLTAGE (V)
T
a=25
f=1MHz
BIAS AT
50% OF V
Z NOM
Typical Capacitance
V
Z, NOMINAL ZENER VOLTAGE (V)
1V BIAS
0V BIAS
Zener Characteristics(11 V to 20 V)
P
D =200mW
T
a =25
Pulsed
V
Z, ZENER VOLTAGE (V)
Typical Characteristics
www.cj-elec.com
3
D,Apr,2015
Notes: Our company currently provide 5.1 V - 20 V products only


Similar Part No. - MMSZ5221CS

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MMSZ5221CSW TAK_CHEONG-MMSZ5221CSW Datasheet
239Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results

Similar Description - MMSZ5221CS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com