Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DW52C3V6LED02 Datasheet(PDF) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # DW52C3V6LED02
Description  ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

DW52C3V6LED02 Datasheet(HTML) 4 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  DW52C3V6LED02 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd DW52C3V6LED02 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd DW52C3V6LED02 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd DW52C3V6LED02 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd DW52C3V6LED02 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.cj-elec.com
4
D,Jun,2015
3DFNDJH2XWOLQH'LPHQVLRQV
WBFBP-02C 6XJJHVWHG3DG/D\RXW
Min.
Max.
Min.
Max.
A
0.450
0.550
0.018
0.022
A1
0.010
0.100
0.000
0.004
D
0.950
1.050
0.037
0.041
E
0.550
0.650
0.022
0.026
D1
E1
b
0.270
0.370
0.011
0.015
b1
0.250
0.350
0.010
0.014
e
0.555
0.655
0.022
0.026
e1
L
0.250
0.350
0.010
0.014
L1
L2
0.370
0.470
0.015
0.019
L3
0.040REF.
0.002REF.
0.420REF.
0.017REF.
0.030REF.
0.001REF.
0.230REF.
0.009REF.
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.019REF.
0.470REF.
WBFBP-02C


Similar Part No. - DW52C3V6LED02

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DW52C3V6 SECOS-DW52C3V6 Datasheet
329Kb / 3P
   100 mW, WBFBP-02C Plastic-Encapsulate Zener Diodes
DW52C3V6 SECOS-DW52C3V6 Datasheet
393Kb / 3P
   Plastic-Encapsulate Zener Diodes
More results

Similar Description - DW52C3V6LED02

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com