Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS25-5 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # RS25-5
Description  25W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

RS25-5 Datasheet(HTML) 2 Page - Astrodyne Corporation

  RS25-5 Datasheet HTML 1Page - Astrodyne Corporation RS25-5 Datasheet HTML 2Page - Astrodyne Corporation RS25-5 Datasheet HTML 3Page - Astrodyne Corporation RS25-5 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
25W Single Output Switching Power Supply
RS25 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90~ 264 VAC; 125~373 Volts(DC)
Frequency Range
47-63 Hz
Inrush Current, typ: (cold start)
30Amps/230VAC
Input Current
0.7 Amps. @ 115VAC
0.4 Amps. @ 230VAC
Leakage current
<2mAmps /240VAC
Min Load
See Selection Chart
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Line Regulation (Note 3)
±0.5%
Load Regulation (Note 4)
See Selection Chart
Voltage Tolerance (Note2)
See Selection Chart
Ripple/Noise (Note 1)
See Selection Chart
Hold Up Time @ FL
80mS/230VAC
14mS/115VAC
Setup, Rise Time @ FL
1200ms, 23m/230VAC
2200mS, 30mS/115VAC
Over Voltage Protection
3.8 ~ 4.45Volt(DC): 3.3Volts(DC)
5.75 ~ 6.75Volt(DC): 5Volts(DC)
13.8 ~ 16.2Volt(DC): 12Volts(DC)
17.25 ~ 20.25Volt(DC): 15Volts(DC)
27.6~ 32.4Volt(DC): 24Volts(DC)
55.2~ 64.8Volt(DC): 48Volts(DC)
Shut off o/p voltage,
clamping zener diode
Over Current Protection
110 ~ 180% rated output power
Hiccup mode, auto recover
DC Volt Adjust
See Selection Chart
GENERAL SPECIFICATIONS
Safety
UL60950-1,
TUV EN60950-1 Approved
Insulation Resistance
≥100MΩ/500Volts(DC),25°C.70%RH
EMI
Compliance to EN55022 (CISPR22)
Class B
Harmonic Current
Compliance to EN61000-3-2,-3
Efficiency
72% (RS25-3.3)
77% (RS25-5)
79% (RS25-12)
82% (RS25-15)
84% (RS25-24)
85%(RS25-48)
Isolation
3000VAC Input - Output
1500VAC Input - Ground
500VAC Output - Ground
EMS
Compliance to
EN61000-4-2, 3, 4, 5, 6, 8, 11;
ENV50204
light Industry Level, Criteria A
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-20°C to +70°C (See Derate Curve)
Storage Temperature
-40°C to +85°C, 10~95% RH
Relative Humidity
20~90% RH non cond
Temperature Coefficient
±0.03% / °C (0-50°C)
MTBF
309.7KHrs min,MIL-HDBK-217F(25°C)
Vibration
10~500Hz, 5G10min./1cycle, period for
60min. each along X, Y, Z axes
PHYSICAL SPECIFICATIONS
Size
Millimeters
78 x 51 x 28
Inches
3.07” x 2.01 ” x 1.10 ”
Weight
7.05 oz (200g)
NOTE
1. Ripple & noise are measured at 20MHz of bandwidth by using a 12”
twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
2. Tolerance : includes set up tolerance, line regulation and load regula-
tion.
3. Line regulation is measured from low line to high line at rated load.
4. Load regulation is measured from 0% to 100% rated load.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted


Similar Part No. - RS25-5

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RS25 SCHNEIDER-RS25 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
Zibo Seno Electronic En...
RS25005 ZSELEC-RS25005 Datasheet
73Kb / 2P
   10/15/25A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RS25005M ZSELEC-RS25005M Datasheet
103Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
RS2501 CHENG-YI-RS2501 Datasheet
136Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RS2501 ZSELEC-RS2501 Datasheet
73Kb / 2P
   10/15/25A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - RS25-5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-25 RSG-RS-25 Datasheet
146Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25_11 Datasheet
349Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
RS-25 TOTAL-POWER-RS-25 Datasheet
297Kb / 2P
   25W Single Output Switching Power Supply
logo
XP Power Limited
PS-25-3.3 XPPOWER-PS-25-3.3 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25 Datasheet
345Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
PS-25 TOTAL-POWER-PS-25 Datasheet
401Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-25 MEANWELL-EPS-25 Datasheet
195Kb / 2P
   25W Single Output Switching Power Supply
APC-25 MEANWELL-APC-25 Datasheet
73Kb / 2P
   25W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS25 ASTRODYNE-PS25 Datasheet
321Kb / 4P
   25W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com