Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QP200-3B Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # QP200-3B
Description  200W Quad Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

QP200-3B Datasheet(HTML) 2 Page - Astrodyne Corporation

  QP200-3B Datasheet HTML 1Page - Astrodyne Corporation QP200-3B Datasheet HTML 2Page - Astrodyne Corporation QP200-3B Datasheet HTML 3Page - Astrodyne Corporation QP200-3B Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
200W Quad Output with PFC Function
QP200
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range (Note 4) 90-264VAC / 127-370 Volts(DC)
Frequency Range
47~63Hz
Inrush Current, typ: (cold start) 30 Amps
Input Current
3.5Amps max @115VAC
2.0Amps max @230VAC
Leakage current
< 2.0mAmps / 240VAC
Power Factor @ FL
PF >0.95/230VAC
>0.98/115VAC
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Line Regulation
See Selection Chart
Load Regulation
See Selection Chart
Voltage Tolerance (Note 2)
See Selection Chart
Ripple/Noise (Note 1)
See Selection Chart
Hold Up Time @ FL
24mS
Setup, Rise Time @ FL
800mS, 50mS
Over Voltage Protection
5Volts(DC): 5.75~6.75Volts(DC)
3.3Volts(DC): 3.8~4.4Volts(DC)
QP200-D: 12Volts(DC): 13.8~16.2Volts(DC)
QP200-F: 17.25~20.25Volts(DC)
Shutdown o/p voltage, re-power
Over Current Protection
105~150% rated output power
Constent Current limiting, auto recover
Over Temperature Protection 95°C±5°C (TSW1) detect of Q1,Q2,
power transistor
Shutdown o/p voltage, re-power
after cool down
DC Voltage Adjust
5Volts(DC): 4.75~5.5Volts(DC)
3.3Volts(DC): 3.14~3.63Volts(DC)
QP200-D(12Volts): 11.4~13.2Volts(DC)
QP200-F(15Volts): 14.25~16.5Volts(DC
Peak Current (Note3)
See Selection Chart
GENERAL SPECIFICATIONS
Safety
UL60950-1
TUV EN60950-1 Approved
Insulation Resistance
≥ 100MΩ / 500Volts(DC)
EMI
Compliance to EN55022B (CISPR22B)
Harmonic Current
Compliance to EN61000-3-2,-3
Efficiency
73% typ.
Isolation
3000VAC Input - Output
1500VAC Input - Ground
500VAC Output - Ground
EMS
Compliance to
EN61000-4-2,3,4,5,6,8,11;
ENV50204, EN55024
light industry level, criteria A
Power Good/Power Fail (optional) 10mS/1mS
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-10°C to +60°C (See Derate Curve)
Storage Temperature
-20°C to +85°C, 10~95% RH
Relative Humidity
20 to +90% RH
Temperature Coefficient
±0.03% / °C (0-50°C)
MTBF
160.6K Hrs min, MIL-HDBK-217F (25°C)
Vibration
10~500Hz, 2G10min./1cycle, period for
60min. each along X, Y, Z axes
PHYSICAL SPECIFICATIONS
Size
Millimeters
215 x 115 x 50
Inches
8.46” x 4.53” x 1.97”
Weight
42.33 oz (1200g)
NOTE
1. Ripple & noise are measured at 20MHz of bandwidth by using a 12”
twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
2. Tolerance : includes set up tolerance, line regulation and load regula-
tion.
3. 33.3% Duty cycle maximum within every 30 seconds. Average output
power should not exceed the rated power.
4. Derating may be needed under low input voltages. Please check the
derating curve for more details.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted


Similar Part No. - QP200-3B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QP20N ETC2-QP20N Datasheet
619Kb / 13P
   Dual functionality: piezoelectric actuator & sensor
QP20W ETC2-QP20W Datasheet
619Kb / 13P
   Dual functionality: piezoelectric actuator & sensor
More results

Similar Description - QP200-3B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
QP-200 ASTRODYNE-QP-200 Datasheet
451Kb / 4P
   200W Quad Output with PFC Function
logo
Total Power Internation...
QP-200 TOTAL-POWER-QP-200 Datasheet
753Kb / 4P
   200W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-200 RSG-QP-200 Datasheet
204Kb / 4P
   200W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-200 MEANWELL-QP-200 Datasheet
741Kb / 4P
   200W Quad Output with PFC Function
QP-200 MEANWELL-QP-200_10 Datasheet
748Kb / 4P
   200W Quad Output with PFC Function
QP-200 MEANWELL-QP-200_11 Datasheet
759Kb / 4P
   200W Quad Output with PFC Function
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-200 MEANWELL-PPS-200 Datasheet
328Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200 Datasheet
370Kb / 2P
   200W Single Output with PFC Function
EPP-200 MEANWELL-EPP-200 Datasheet
566Kb / 4P
   200W Single Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com