Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMMK450S-48E Datasheet(PDF) 6 Page - Astrodyne Corporation

Part # PMMK450S-48E
Description  Medical 450 Watt Enclosed & U-Channel Power Supplies with PFC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PMMK450S-48E Datasheet(HTML) 6 Page - Astrodyne Corporation

Back Button PMMK450S-48E Datasheet HTML 2Page - Astrodyne Corporation PMMK450S-48E Datasheet HTML 3Page - Astrodyne Corporation PMMK450S-48E Datasheet HTML 4Page - Astrodyne Corporation PMMK450S-48E Datasheet HTML 5Page - Astrodyne Corporation PMMK450S-48E Datasheet HTML 6Page - Astrodyne Corporation PMMK450S-48E Datasheet HTML 7Page - Astrodyne Corporation PMMK450S-48E Datasheet HTML 8Page - Astrodyne Corporation PMMK450S-48E Datasheet HTML 9Page - Astrodyne Corporation PMMK450S-48E Datasheet HTML 10Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Medical 450 Watt Enclosed & U-Channel Power Supplies with PFC
PMMK450 series
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
WWW.ASTRODYNETDI.COM
A
AASSST
TTR
RRO
OOD
DDY
YYN
NNE
EE P
PPA
AAC
CCIIIF
FFIIIC
CC C
CCO
OOR
RRP
PP
E
EEL
LLE
EEC
CCT
TTR
RRIIIC
CCA
AAL
LL SSSP
PPE
EEC
CCIIIF
FFIIIC
CCA
AAT
TTIIIO
OON
NN
7. Derating Curve
U-Bracket (PMMK450S-xxU):
Ambient Temperature Derating Curve
1. Convection air
2. Forced air cooling (30CFM air flow is required)
Static Characteristics: Input voltage vs. Output Loading


Similar Part No. - PMMK450S-48E

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMMK150 ASTRODYNE-PMMK150 Datasheet
639Kb / 4P
   Medical Grade 150 Watt Open Frame with PFC
PMMK150-D ASTRODYNE-PMMK150-D Datasheet
551Kb / 5P
   Medical Grade 150 Watt with DIN Rail mount and PFC
PMMK150D-A ASTRODYNE-PMMK150D-A Datasheet
639Kb / 4P
   Medical Grade 150 Watt Open Frame with PFC
PMMK150D-A ASTRODYNE-PMMK150D-A Datasheet
770Kb / 6P
   Medical Grade 150 Watt Open Frame with PFC
PMMK150D-AD ASTRODYNE-PMMK150D-AD Datasheet
551Kb / 5P
   Medical Grade 150 Watt with DIN Rail mount and PFC
More results

Similar Description - PMMK450S-48E

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMK450S ASTRODYNE-PMK450S Datasheet
1Mb / 10P
   450 Watt Enclosed and U-Channel Power Supplies with PFC
logo
Tumbler Technologies + ...
TM450 TRUMPOWER-TM450 Datasheet
253Kb / 3P
   450 WATT MEDICAL POWER SUPPLIES
logo
Astrodyne Corporation
PMMK150E ASTRODYNE-PMMK150E Datasheet
547Kb / 4P
   Medical Grade 150 Watt Enclosed with PFC
PMMK225E ASTRODYNE-PMMK225E Datasheet
449Kb / 4P
   Medical Grade 225 Watt Enclosed Power Supply with PFC
PMMK150U ASTRODYNE-PMMK150U Datasheet
644Kb / 4P
   Medical Grade 150 Watt U-Channel with PFC
PMMK225U ASTRODYNE-PMMK225U Datasheet
499Kb / 4P
   Medical Grade 225 Watt U-Channel Power Supply with PFC
MMK320S ASTRODYNE-MMK320S Datasheet
635Kb / 3P
   Medical Grade 300 Watt Enclosed Switching Power Supplies
MMK40S ASTRODYNE-MMK40S Datasheet
695Kb / 3P
   Medical Grade 40 Watt Enclosed Switching Power Supplies
MMK75S ASTRODYNE-MMK75S Datasheet
748Kb / 3P
   Medical Grade 75 Watt Enclosed Switching Power Supplies
MMK150S ASTRODYNE-MMK150S Datasheet
580Kb / 3P
   Medical Grade 150 Watt Enclosed Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com