Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450GT54R504B2S Datasheet(PDF) 2 Page - CTS Corporation

Part # 450GT54R504B2S
Description  CTS Guitar Series 24mm Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

450GT54R504B2S Datasheet(HTML) 2 Page - CTS Corporation

  450GT54R504B2S Datasheet HTML 1Page - CTS Corporation 450GT54R504B2S Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Resistance Tapers
2 - 2
08/13/10
CTS Electrocomponents
www.ctscorp.com
Please consult factory for custom features not listed.
© 2010 CTS Corporation. All rights reserved. Information subject to change.
A - ± 10%
B - ± 20%
TOLERANCE
RESISTANCE CODE
SHAFT LENGTH
R ROUND
F
K SLOT &
KNURLED
TORQUE
S - STANDARD
L - LOW TORQUE
SHAFT TRIM
BUSHING LENGTH
CODE RESISTANCE
253
25 K
503
50 K
104
100 K
254
250 K
504
500 K
450G
2 - .250”
3 - .375”
4 - .500”
4 - .500”
5 - .625”
6 - .750”
8 - 1.00”
24
K
4
253
B
- FLAT
-
-
Metal Shaft, Bushing Mount, Solder Lug Terminals
Shaft Trim
S
105
1 M
TAPER
1 - LINEAR (STD. D)
2 - 10% AUDIO (A)
3 - LINEAR (SPL. D)
4 - 15% AUDIO (B)
5 - 5% AUDIO (C)
6 - 20% AUDIO (BD)
7 - 25% AUDIO (H)
8 - 30% AUDIO (J)
100
90
80
70
60
50
40
30
20
0
10
10
20
30
40
50
60
70
80
90
100
C
D
B
H
J
D
.
d
t
S
Sp
D
.
l
PERCENT ROTATION
Standard Linear and Tapered Curves (no taps)
CTS Curve No.
% Resistance @ 50% Rotation
50%
Std. D
50%
Spl. D (EIA “S” Curve)
5%
C
10%
A
15%
B
20%
BD
25%
H
30%
J
F - Flat
K - Slot & Knurled
R - Round
.375
.156
DIMENSION:
mm
inch
MTG. SURFACE
12.7
MAX.
3/8-32NEF
SHAFT LENGTH
BUSHING
LENGTH
Ø23.8
.937
11.3
.445
.594
15.1
.781
19.8
MAX.
.804
20.4
.500
3
2
1
WIPER
3
1
2
CLOCKWISE
CIRCUIT
CCW
CW
6.35
.250
DIA.
24 TEETH
.344
.062
DIMENSION:
mm
inch
3.96
9.53
1.57
8.74
TERMINAL STYLE
T - SOLDER LUG
T
Ø6.35
.250
Ø6.35
.250
Ø6.00
.236
5 - .625”
6 - .750”
7 - .875”
9 - 1.125”


Similar Part No. - 450GT54R504B2S

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
logo
Mill-Max Mfg. Corp.
450 MILL-MAX-450 Datasheet
129Kb / 1P
   HEADER STRIPS .100??Grid Solder Tail Double Row
logo
Intel Corporation
450 INTEL-450 Datasheet
1Mb / 100P
   Supporting the Intel Celeron processor
450 INTEL-450 Datasheet
1Mb / 71P
   Celeron M Processor on 65 nm Process
logo
Laird Tech Smart Techno...
450-0004 LSTD-450-0004 Datasheet
1Mb / 46P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
More results

Similar Description - 450GT54R504B2S

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P230 BITECH-P230 Datasheet
70Kb / 3P
   24mm Rotary Potentiometer
logo
Bourns Electronic Solut...
PDB241-GNL BOURNS-PDB241-GNL_13 Datasheet
242Kb / 2P
   ?쏯o-Load??Guitar Potentiometer
PDB241-GTR BOURNS-PDB241-GTR_13 Datasheet
282Kb / 2P
   24 mm Guitar Potentiometer
PDB241-GNL BOURNS-PDB241-GNL Datasheet
247Kb / 2P
   PDB241-GNL Series - ?쏯o-Load??Guitar Potentiometer
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
   17 mm Guitar Potentiometer
95A1D-Z28-EA0 BOURNS-95A1D-Z28-EA0 Datasheet
320Kb / 3P
   Model 95 Premium Guitar Potentiometer
PDB181-GTR BOURNS-PDB181-GTR Datasheet
360Kb / 2P
   PDB181-GTR Series - 17 mm Guitar Potentiometer
PDB241-GTR BOURNS-PDB241-GTR Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
H-1201 BOURNS-H-1201 Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
82A1D-A24-BA0 BOURNS-82A1D-A24-BA0 Datasheet
258Kb / 2P
   Model 82 Vintage Premium Guitar Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com