Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV15 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # PV15
Description  Compact 15 Watt Enclosed Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PV15 Datasheet(HTML) 1 Page - Astrodyne Corporation

  PV15_16 Datasheet HTML 1Page - Astrodyne Corporation PV15_16 Datasheet HTML 2Page - Astrodyne Corporation PV15_16 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Compact 15 Watt Enclosed Switching Power Supplies
PV15 series
ASTRODYNE USA: 1-800-823-8082
WWW.ASTRODYNETDI.COM
ASTRODYNE PACIFIC: 886-2-26983458
Universal 90-264VAC Input
Compact Footprint
High Efficiency
Regulated Outputs
3000VAC Isolation
Built in EMI Filter
Model Number
Output Voltage
Output Amps (max) Ripple/Noise pp,typ
Efficiency
PV15-5S
5 VDC
3
80mV
77%
PV15-12S
12 VDC
1.25
120mV
80%
PV15-15S
15 VDC
1
120mV
80%
PV15-24S
24 VDC
0.63
120mV
80%
PV15-48S
48 VDC
0.32
120mV
80%
2.59”W x 2.0”L x 1.1”H


Similar Part No. - PV15_16

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PV15-12S ASTRODYNE-PV15-12S Datasheet
471Kb / 3P
   Compact 15 Watt Enclosed Switching Power Supplies
PV15-15S ASTRODYNE-PV15-15S Datasheet
471Kb / 3P
   Compact 15 Watt Enclosed Switching Power Supplies
More results

Similar Description - PV15_16

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PV15 ASTRODYNE-PV15 Datasheet
471Kb / 3P
   Compact 15 Watt Enclosed Switching Power Supplies
MK320S ASTRODYNE-MK320S Datasheet
615Kb / 3P
   Compact 300 Watt Enclosed Switching Power Supplies
MK40S ASTRODYNE-MK40S Datasheet
675Kb / 3P
   Compact 40 Watt Enclosed Switching Power Supplies
MK150S ASTRODYNE-MK150S Datasheet
560Kb / 3P
   Compact 150 Watt Enclosed Switching Power Supplies
MK75S ASTRODYNE-MK75S Datasheet
728Kb / 3P
   Compact 75 Watt Enclosed Switching Power Supplies
MK150 ASTRODYNE-MK150 Datasheet
258Kb / 4P
   Compact 150 Watt Enclosed Switching Power Supplies
US150 ASTRODYNE-US150_16 Datasheet
162Kb / 3P
   Enclosed 150 Watt Switching Power Supplies
US150 ASTRODYNE-US150 Datasheet
592Kb / 3P
   Enclosed 150 Watt Switching Power Supplies
MMK320S ASTRODYNE-MMK320S Datasheet
635Kb / 3P
   Medical Grade 300 Watt Enclosed Switching Power Supplies
MMK40S ASTRODYNE-MMK40S Datasheet
695Kb / 3P
   Medical Grade 40 Watt Enclosed Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com