Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450GT35K254B2S Datasheet(PDF) 1 Page - CTS Corporation

Part # 450GT35K254B2S
Description  CTS Guitar Series 24mm Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

450GT35K254B2S Datasheet(HTML) 1 Page - CTS Corporation

  450GT35K254B2S Datasheet HTML 1Page - CTS Corporation 450GT35K254B2S Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CTS Guitar Series
24mm Potentiometer
Series 450G
1 - 2
© 2010 CTS Corporation. All rights reserved. Information subject to change.
08/13/10
CTS Electrocomponents
www.ctscorp.com
Data Sheet
Rotary Potentiometer
®
Electrocomponents
‡ Low Noise
‡ Robust Construction
Electrical and Mechanical Specifications
Resistance Values
.....0
Resistance Tolerance
““
Power Rating
0.25 watts @ 55°C
Rotational Angle
0HFKDQLFDO$SSUR[ƒ
Rotational Torque
6WDQGDUG7RUTXHLQR]
/RZ7RUTXHLQR]
Bushing
3/8” – 32 UNEF
Stop Strength
9 in. lbs. minimum
Shaft Trim
5RXQG)ODWRU6ORW.QXUOHG
Push-Pull Strength of Shaft
30 lbs. minimum
The CTS 450G Guitar Series Potentiometers are the
same popular potentiometers used in guitars for years.
This new series offers standard constructions for simplified
RUGHULQJDQGSULFLQJ&76FXVWRPL]HGSRWHQWLRPHWHUVDUH
still available upon request.
‡ Proprietary Anti-Static Lube
‡ Brass Shaft
Brass Bushing
‡ Smooth Feel
Shaft Length
´´´³´RU´
Features
‡
‡ Reduced Shaft Wobble
‡ Wide Selection of Tapers
‡ Various Shaft Trims
Resistance Tapers
See Resistance Taper Chart for Available
Tapers
RoHS Compliant
´´´´RU´ORQJ
‡ Solderable Cover


Similar Part No. - 450GT35K254B2S

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
logo
Mill-Max Mfg. Corp.
450 MILL-MAX-450 Datasheet
129Kb / 1P
   HEADER STRIPS .100??Grid Solder Tail Double Row
logo
Intel Corporation
450 INTEL-450 Datasheet
1Mb / 100P
   Supporting the Intel Celeron processor
450 INTEL-450 Datasheet
1Mb / 71P
   Celeron M Processor on 65 nm Process
logo
Laird Tech Smart Techno...
450-0004 LSTD-450-0004 Datasheet
1Mb / 46P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
More results

Similar Description - 450GT35K254B2S

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P230 BITECH-P230 Datasheet
70Kb / 3P
   24mm Rotary Potentiometer
logo
Bourns Electronic Solut...
PDB241-GNL BOURNS-PDB241-GNL_13 Datasheet
242Kb / 2P
   ?쏯o-Load??Guitar Potentiometer
PDB241-GTR BOURNS-PDB241-GTR_13 Datasheet
282Kb / 2P
   24 mm Guitar Potentiometer
PDB241-GNL BOURNS-PDB241-GNL Datasheet
247Kb / 2P
   PDB241-GNL Series - ?쏯o-Load??Guitar Potentiometer
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
   17 mm Guitar Potentiometer
95A1D-Z28-EA0 BOURNS-95A1D-Z28-EA0 Datasheet
320Kb / 3P
   Model 95 Premium Guitar Potentiometer
PDB181-GTR BOURNS-PDB181-GTR Datasheet
360Kb / 2P
   PDB181-GTR Series - 17 mm Guitar Potentiometer
PDB241-GTR BOURNS-PDB241-GTR Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
H-1201 BOURNS-H-1201 Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
82A1D-A24-BA0 BOURNS-82A1D-A24-BA0 Datasheet
258Kb / 2P
   Model 82 Vintage Premium Guitar Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com