Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA10B-012L-120S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AA10B-012L-120S
Description  10 Watts(NEW 3.3V Output)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AA10B-012L-120S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AA10B-012L-120S Datasheet HTML 1Page - List of Unclassifed Manufacturers AA10B-012L-120S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America: 760-930-4600
Europe (UK): 01384-842211
104
Special Features
Six-sided shielding
2:1/4:1 input ranges
Telecom model (-048L models) feature
thermal shutdown and overvoltage lock
out to meet ETS 300 132-2 paragraph
4.6
Small size 2.0" x 1.0" x 0.40"
Meets EN55022A for conducted noise
5 year warranty
Optional TTL enable feature
Environmental
Operating ambient temperature range:
-40
°C to +80°C (no derating)
Storage Temperature: -55
°C to +105°C
Baseplate: 105
°C Max
Humidity : 5% to 95% (Non-condensing)
EMI RFI Shielding: Six sided
MTBF: 398,000 hours (MIL HDBK-217) Bellcore
>1.8 Mil hours. See notes.
Safety
UL
UL 1950 (recognition pending)
EN60950
Pending
CSA22.2 950
Pending
Electrical Specifications
Input
Input Range .......................... 9 to 36 VDC; 18 to 75 VDC; 36 to 75 VDC
Input Capacitance ................. 46/-48 Models 1.5uF typical
-012 Models
2.7uF typical
Input Reflected
Ripple (P-P) ........................... See Note 2 <5MA
Input Surge Voltage .............. 100V for 100mS (-48 models only)
Efficiency ............................... 83% typical
No Load Input Power ............ 350MW typical
Control
Enable ................................... TTL compatible
on =2.5 to 5.5Vdc or open circuit,
off = 0 to 0.8Vdc
Output
Voltage Tolerance ..................
±1% (main)
±2% (aux) (factory set-point)
Line Regulation ..................... +0.5% max.
Load Regulation .................... +1.0% max. (10% load to FL)
+1.0% max. aux. (10% load to FL)
(load regulation (duals) assumes a
balanced load)
Noise/Ripple .......................... 0.5% p-p See Note 1
Short Circuit Protection ......... Continuous Power Cycle
Over Voltage Protection ........ Zener clamp all outputs
Transient Response .............. 1.0 MS typical ; 50% step load change
Temperature Coefficient ........ +0.02%
°C max.
Switching Frequency ............. 375kHz (fixed, typ)
Isolation
I/O Isolation ........................... 1500 VDC
Isolation Resistance .............. 1 x 109 (ohms)
Isolation Capacitance ............ 250pF (Max)
AA10B
10 Watts
NEW 3.3V Output
Total Power
10 Watts
Input Voltages
12V, 24V or 48V
# of Outputs
Single, Dual
AA10BSeries


Similar Part No. - AA10B-012L-120S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AA100 MICROSEMI-AA100 Datasheet
128Kb / 3P
   SCRs .5 A, Planar
logo
List of Unclassifed Man...
AA100 ETC2-AA100 Datasheet
129Kb / 3P
   Maximum Gate Trigger Current 2,20 or 200uA
logo
New Jersey Semi-Conduct...
AA100 NJSEMI-AA100 Datasheet
145Kb / 2P
   SCRs .5A, Planar
logo
Alpha Industries
AA100-59 ALPHA-AA100-59 Datasheet
38Kb / 2P
   GaAs IC 3 Bit Digital Attenuator 4 dB LSB Positive Control 0.75-2 GHz
logo
Skyworks Solutions Inc.
AA100-59LF SKYWORKS-AA100-59LF Datasheet
187Kb / 4P
   GaAs 3 Bit Digital Attenuator, 4 dB LSB 0.75-2 GHz
More results

Similar Description - AA10B-012L-120S

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FDC10-12S33 P-DUKE-FDC10-12S33 Datasheet
341Kb / 3P
   10 WATTS OUTPUT POWER
logo
Wall Industries,Inc.
JRW WALL-JRW_16 Datasheet
423Kb / 5P
   10 Watts Maximum Output Power
logo
Qualtek Electronics Cor...
QFWB-10 QUALTEK-QFWB-10 Datasheet
286Kb / 2P
   10 Watts Single Output Wall Mount
logo
Intronics Power, Inc.
DC1300 INTRONICS-DC1300 Datasheet
168Kb / 1P
   10 Watt, 3.3V Output DC-DC Converters
logo
Astec America, Inc
AER03 ASTEC-AER03 Datasheet
561Kb / 2P
   10 Watts
logo
Powerbox
G01CT POWERBOX-G01CT Datasheet
564Kb / 3P
   1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
MAD26 POWERBOX-MAD26 Datasheet
529Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
F01 POWERBOX-F01 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
List of Unclassifed Man...
SA10-48-3.3S ETC1-SA10-48-3.3S Datasheet
120Kb / 2P
   10 Watts
logo
Astec America, Inc
AEE02F12-49 ASTEC-AEE02F12-49 Datasheet
1Mb / 2P
   10 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com