Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C186-35 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C186-35
Description  8Kx8 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C186-35 Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY7C186-35 Datasheet HTML 1Page - Cypress Semiconductor CY7C186-35 Datasheet HTML 2Page - Cypress Semiconductor CY7C186-35 Datasheet HTML 3Page - Cypress Semiconductor CY7C186-35 Datasheet HTML 4Page - Cypress Semiconductor CY7C186-35 Datasheet HTML 5Page - Cypress Semiconductor CY7C186-35 Datasheet HTML 6Page - Cypress Semiconductor CY7C186-35 Datasheet HTML 7Page - Cypress Semiconductor CY7C186-35 Datasheet HTML 8Page - Cypress Semiconductor CY7C186-35 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CY7C186
Document #: 38-05280 Rev. **
Page 6 of 9
Typical DC and AC Characteristics
–55
25
125
1.2
1.0
0.8
AMBIENT TEMPERATURE (°C)
0.6
0.4
0.2
0.0
ISB
VCC =5.0V
VIN =5.0V
ICC
1.2
1.4
1.0
0.6
0.4
0.2
4.0
4.5
5.0
5.5
6.0
1.6
1.4
1.2
1.0
0.8
–55
25
125
120
100
80
60
40
20
0.0
1.0
2.0
3.0
4.0
SUPPLYVOLTAGE (V)
NORMALIZED SUPPLY CURRENT
vs. SUPPLY VOLTAGE
NORMALIZED ACCESS TIME
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (°C)
NORMALIZED SUPPLY CURRENT
vs. AMBIENT TEMPERATURE
OUTPUT VOLTAGE (V)
OUTPUT SOURCE CURRENT
0.0
0.8
1.4
1.3
1.2
1.1
1.0
0.9
4.0
4.5
5.0
5.5
6.0
SUPPLYVOLTAGE (V)
NORMALIZED ACCESS TIME
vs. SUPPLY VOLTAGE
120
140
100
60
40
20
0.0
1.0
2.0
3.0
4.0
0
80
OUTPUT VOLTAGE (V)
OUTPUT SINK CURRENT
vs. OUTPUT VOLTAGE
ICC
VCC =5.0V
VCC = 5.0V
TA = 25°C
VCC =5.0V
TA =25°C
ISB
TA =25°C
0.6
0.8
0
vs. OUTPUT VOLTAGE
3.0
2.5
2.0
1.5
1.0
0.5
0.0
1.0
2.0
3.0
4.0
SUPPLYVOLTAGE(V)
TYPICAL POWER-ON CURRENT
vs. SUPPLY VOLTAGE
30.0
25.0
20.0
15.0
10.0
5.0
0
200
400
600
800
CAPACITANCE (pF)
TYPICAL ACCESS TIME CHANGE
vs. OUTPUT LOADING
1.25
1.00
0.75
10
20
30
40
CYCLE FREQUENCY (MHz)
NORMALIZED I CC vs. CYCLE TIME
0.0
5.0
0.0
1000
0.50
VCC =4.5V
TA =25°C
VCC =5.0V
TA =25°C
VCC =0.5V


Similar Part No. - CY7C186-35

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C182 CYPRESS-CY7C182 Datasheet
142Kb / 6P
   8Kx9 Static RAM
CY7C182 CYPRESS-CY7C182 Datasheet
157Kb / 7P
   8Kx9 Static RAM
CY7C182-25PC CYPRESS-CY7C182-25PC Datasheet
142Kb / 6P
   8Kx9 Static RAM
CY7C182-25PC CYPRESS-CY7C182-25PC Datasheet
157Kb / 7P
   8Kx9 Static RAM
CY7C182-25VC CYPRESS-CY7C182-25VC Datasheet
142Kb / 6P
   8Kx9 Static RAM
More results

Similar Description - CY7C186-35

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM6264B SAMSUNG-KM6264B Datasheet
152Kb / 10P
   8Kx8 bit Low Power CMOS Static RAM
logo
Pyramid Semiconductor C...
P4C164LL PYRAMID-P4C164LL Datasheet
895Kb / 10P
   VERY LOW POWER 8Kx8 STATIC CMOS RAM
logo
Sharp Corporation
LH5168V2 SHARP-LH5168V2 Datasheet
1Mb / 18P
   STATIC RAM
logo
ARTSCHIP ELECTRONICS CO...
CY62128 ARTSCHIP-CY62128 Datasheet
1Mb / 8P
   Static RAM
CY62256 ARTSCHIP-CY62256 Datasheet
374Kb / 12P
   Static RAM
logo
Toshiba Semiconductor
TC55257DPI-70V TOSHIBA-TC55257DPI-70V Datasheet
676Kb / 13P
   STATIC RAM
logo
Advanced Micro Devices
AM9128 AMD-AM9128 Datasheet
429Kb / 10P
   2048x8 Static RAM
logo
Cypress Semiconductor
CY7C197N CYPRESS-CY7C197N Datasheet
307Kb / 7P
   256Kx1 Static RAM
logo
Advanced Micro Devices
AM9044 AMD-AM9044 Datasheet
278Kb / 7P
   4096x1 Static RAM
logo
Cypress Semiconductor
CY7C150 CYPRESS-CY7C150_03 Datasheet
312Kb / 11P
   1Kx4 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com