Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2026-47-CLF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2026-47-CLF
Description  3-Pole Gas Discharge Tube
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2026-47-CLF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2026-47-CLF Datasheet HTML 1Page - Bourns Electronic Solutions 2026-47-CLF Datasheet HTML 2Page - Bourns Electronic Solutions 2026-47-CLF Datasheet HTML 3Page - Bourns Electronic Solutions 2026-47-CLF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
2026 Series - 3-Pole Gas Discharge Tube
How to Order
2026 - nn - x n F LF
Model Number
Designator
Voltage (Divided by 10)
07 = 75 V
30 = 300 V
09 = 90 V
35 = 350 V
15 = 150 V
40 = 400 V
20 = 200 V
42 = 420 V
23 = 230 V
47 = 470 V
25 = 250 V
60 = 600 V
26 = 260 V
Leads
A = None
C = 1 mm
Lead Shape
(See Product Dimension Drawings)
Fail-Short Option
Blank = Standard Product
F =
With Fail-Short Mechanism
RoHS Compliant Option
Blank =Standard Product
LF = RoHS Compliant Product
Packaging Specifications
Model
Standard Packaging Quantity
Bulk (Bag)
Tray
Box
2026-XX-A
250
1000
2026-XX-A1
250
1000
2026-XX-C
50
300
2026-XX-C2
100
900
2026-XX-C3
100
900
2026-XX-C4
100
900


Similar Part No. - 2026-47-CLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2026-47 BOURNS-2026-47 Datasheet
541Kb / 3P
   2026 Series - 3-Pole Gas Discharge Tube Telecommunications
2026-47 BOURNS-2026-47 Datasheet
655Kb / 4P
   3-Pole Gas Discharge Tube
More results

Similar Description - 2026-47-CLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2026 BOURNS-2026 Datasheet
655Kb / 4P
   3-Pole Gas Discharge Tube
2036-07 BOURNS-2036-07_16 Datasheet
426Kb / 3P
   Miniature 3-Pole Gas Discharge Tube
2026-35-C2F BOURNS-2026-35-C2F Datasheet
541Kb / 3P
   2026 Series - 3-Pole Gas Discharge Tube
2027-07 BOURNS-2027-07_15 Datasheet
336Kb / 2P
   2-Pole Gas Discharge Tube
2036-25-B3 BOURNS-2036-25-B3 Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-07-C2LF BOURNS-2036-07-C2LF Datasheet
223Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-07-B3LF BOURNS-2036-07-B3LF Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2026-07 BOURNS-2026-07 Datasheet
541Kb / 3P
   2026 Series - 3-Pole Gas Discharge Tube Telecommunications
2036-07-C2 BOURNS-2036-07-C2 Datasheet
223Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-35-C2 BOURNS-2036-35-C2 Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com