Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL215753561E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MAL215753561E3
Description  Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215753561E3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MAL215753561E3 Datasheet HTML 2Page - Vishay Siliconix MAL215753561E3 Datasheet HTML 3Page - Vishay Siliconix MAL215753561E3 Datasheet HTML 4Page - Vishay Siliconix MAL215753561E3 Datasheet HTML 5Page - Vishay Siliconix MAL215753561E3 Datasheet HTML 6Page - Vishay Siliconix MAL215753561E3 Datasheet HTML 7Page - Vishay Siliconix MAL215753561E3 Datasheet HTML 8Page - Vishay Siliconix MAL215753561E3 Datasheet HTML 9Page - Vishay Siliconix MAL215753561E3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
157 PUM-SI
www.vishay.com
Vishay BCcomponents
Revision: 20-May-15
7
Document Number: 28338
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) ESR at 120 Hz is approximately 0.95 x ESR 100 Hz
500
47
22 x 25
0.68
0.24
2834
3540
2095
2930
59479E3
79479E3
68
22 x 30
0.85
0.34
1961
2450
1451
2030
59689E3
79689E3
68
25 x 25
0.86
0.34
1979
2470
1469
2060
49689E3
29689E3
100
22 x 35
1.07
0.50
1339
1670
992
1390
59101E3
79101E3
100
25 x 30
1.08
0.50
1349
1690
1003
1400
49101E3
29101E3
100
30 x 25
1.13
0.50
1375
1720
1030
1440
39101E3
19101E3
120
22 x 40
1.24
0.60
1117
1400
828
1160
59121E3
79121E3
120
25 x 35
1.23
0.60
1122
1400
833
1170
49121E3
29121E3
150
25 x 40
1.43
0.75
901
1130
670
940
59151E3
79151E3
150
30 x 30
1.42
0.75
922
1150
693
970
49151E3
29151E3
180
25 x 45
1.65
0.90
752
940
560
780
59181E3
79181E3
180
30 x 35
1.61
0.90
765
960
573
800
49181E3
29181E3
220
30 x 40
1.84
1.10
629
790
472
660
59221E3
79221E3
220
35 x 30
1.83
1.10
660
830
505
710
49221E3
29221E3
270
30 x 45
2.11
1.35
515
640
387
540
59271E3
79271E3
270
35 x 35
2.09
1.35
534
670
408
570
49271E3
29271E3
330
30 x 50
2.40
1.65
426
530
322
450
59331E3
79331E3
330
35 x 40
2.36
1.65
441
550
337
470
49331E3
29331E3
390
35 x 45
2.63
1.95
374
470
286
400
59391E3
79391E3
470
35 x 50
2.92
2.35
316
400
244
340
59471E3
79471E3
560
35 x 60
3.40
2.80
262
330
201
280
59561E3
79561E3
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
400 V versions
Us = 1.1 x UR
250 V versions
Us = 1.15 x UR
Reverse voltage
1 V
Current
Leakage current
After 5 min at UR
IL5  0.01 CR x UR
Inductance
Equivalent series inductance (ESL)
All case sizes
Typ. 19 nH
Max. 25 nH
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
85 °C
(A)
IL5
5 min
(mA)
TYP. ESR
100 Hz (1)
(m
)
MAX. ESR
100 Hz (1)
(m
)
TYP. Z
10 kHz
(m
)
MAX. Z
10 kHz
(m
)
ORDERING CODE
MAL2157.......
2-TERM.
3-TERM.


Similar Part No. - MAL215753561E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215753561E3 VISHAY-MAL215753561E3 Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
More results

Similar Description - MAL215753561E3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
157PUM-SI ETC2-157PUM-SI Datasheet
648Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Miniature Snap-in
logo
Vishay Siliconix
157PUM-SI VISHAY-157PUM-SI_16 Datasheet
128Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 17-Oct-16
157PUMSI VISHAY-157PUMSI_15 Datasheet
110Kb / 10P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 20-May-15
156PUM-SI VISHAY-156PUM-SI_V01 Datasheet
113Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
01-Jan-2023
156PUM-SI VISHAY-156PUM-SI_17 Datasheet
115Kb / 8P
   Aluminum Electrolytic Capacitors Power Ultra Miniature Snap-In
Revision: 02-Nov-16
156PUMSI VISHAY-156PUMSI_15 Datasheet
102Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 15-Oct-13
157PUM-SI VISHAY-157PUM-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 18-Aug-08
157PUM-SI VISHAY-157PUM-SI_12 Datasheet
114Kb / 9P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 09-Mar-12
156PUM-SI VISHAY-156PUM-SI_11 Datasheet
107Kb / 7P
   Aluminum Capacitors Power Ultra Miniature Snap-In
Revision: 16-Aug-11
257PRM-SI VISHAY-257PRM-SI_V01 Datasheet
124Kb / 10P
   Aluminum Electrolytic Capacitors Power Ripple Miniature Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com