Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM15442DA Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM15442DA
Description  Ultra Low Quiescent Current Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM15442DA Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM15442DA Datasheet HTML 1Page - Union Semiconductor, Inc. UM15442DA Datasheet HTML 2Page - Union Semiconductor, Inc. UM15442DA Datasheet HTML 3Page - Union Semiconductor, Inc. UM15442DA Datasheet HTML 4Page - Union Semiconductor, Inc. UM15442DA Datasheet HTML 5Page - Union Semiconductor, Inc. UM15442DA Datasheet HTML 6Page - Union Semiconductor, Inc. UM15442DA Datasheet HTML 7Page - Union Semiconductor, Inc. UM15442DA Datasheet HTML 8Page - Union Semiconductor, Inc. UM15442DA Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.07 Dec.2014
5/19
UM153xx/UM154xx
Available Voltage Version (Continued)
Part Number
Output Voltage
Marking Code
Package
Shipping Qty
UM15413S
1.3V
5FB
SOT23-5
3000pcs/7Inch
Tape & Reel
UM15415S
1.5V
5FC
SOT23-5
UM15418S
1.8V
5FD
SOT23-5
UM15425S
2.5V
5FE
SOT23-5
UM15427S
2.7V
5FF
SOT23-5
UM15428S
2.8V
5FH
SOT23-5
UM15430S
3.0V
5FL
SOT23-5
UM15433S
3.3V
5FM
SOT23-5
UM15435S
3.5V
5FJ
SOT23-5
UM15436S
3.6V
5FK
SOT23-5
UM15438S
3.8V
5FN
SOT23-5
UM15440S
4.0V
5FP
SOT23-5
UM15442S
4.2V
5FQ
SOT23-5
UM15443S
4.3V
5FR
SOT23-5
UM15445S
4.5V
5FS
SOT23-5
UM15447S
4.7V
5FT
SOT23-5
UM15448S
4.8V
5FY
SOT23-5
UM15450S
5.0V
5FU
SOT23-5
UM15413Y
1.3V
UM15413
SOT89-5
1000pcs/7Inch
Tape & Reel
UM15415Y
1.5V
UM15415
SOT89-5
UM15418Y
1.8V
UM15418
SOT89-5
UM15425Y
2.5V
UM15425
SOT89-5
UM15427Y
2.7V
UM15427
SOT89-5
UM15428Y
2.8V
UM15428
SOT89-5
UM15430Y
3.0V
UM15430
SOT89-5
UM15433Y
3.3V
UM15433
SOT89-5
UM15435Y
3.5V
UM15435
SOT89-5
UM15436Y
3.6V
UM15436
SOT89-5
UM15438Y
3.8V
UM15438
SOT89-5
UM15440Y
4.0V
UM15440
SOT89-5
UM15442Y
4.2V
UM15442
SOT89-5
UM15443Y
4.3V
UM15443
SOT89-5
UM15445Y
4.5V
UM15445
SOT89-5
UM15447Y
4.7V
UM15447
SOT89-5
UM15448Y
4.8V
UM15448
SOT89-5
UM15450Y
5.0V
UM15450
SOT89-5


Similar Part No. - UM15442DA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15442S UNIONSEMI-UM15442S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
More results

Similar Description - UM15442DA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810B1EJV50 INFINEON-TLS810B1EJV50 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com