Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMY1A Datasheet(PDF) 1 Page - Rohm

Part # FMY1A
Description  Emitter common (dual transistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMY1A Datasheet(HTML) 1 Page - Rohm

  FMY1A Datasheet HTML 1Page - Rohm FMY1A Datasheet HTML 2Page - Rohm FMY1A Datasheet HTML 3Page - Rohm FMY1A Datasheet HTML 4Page - Rohm FMY1A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EMY1 / UMY1N / FMY1A
Transistors
Emitter common (dual transistors)
EMY1 / UMY1N / FMY1A
!
!
!
!
Features
1) Includes a 2SA1037AK and a 2SC2412K transistor in
a EMT or UMT or SMT package.
2) PNP and NPN transistors have common emitters.
3) Mounting cost and area can be cut in half.
!
!
!
!
Structure
Epitaxial planar type
PNP / NPN silicon transistor
!
!
!
!
Equivalent circuit
EMY1 / UMY1N
FMY1A
R1
Tr1
Tr2
(3)
(4)
(5)
(2)
(1)
Tr1
Tr2
(3)
(2)
(1)
(4)
(5)/(6)
!
!
!
!
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Tr1
Tr2
VCBO
60
50
VCEO
VEBO
7
IC
150
−60
−50
−6
−150
Tj
150
Tstg
−55∼+150
PC
EMY1, UMY1N
150 (TOTAL)
Unit
V
V
V
mA
°C
°C
mW
FMY1A
300 (TOTAL)
∗1
∗2
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Storage temperature
Power
dissipation
1 120mW per element must not be exceeded.
2 200mW per element must not be exceeded.
!
!
!
!
External dimensions (Units : mm)
ROHM : EMT5
EMY1
ROHM : UMT5
EIAJ : SC-88A
UMY1N
Each lead has same dimensions
Each lead has same dimensions
0.3to0.6
1.6
2.8
Abbreviated symbol : Y1
Abbreviated symbol : Y1
Abbreviated symbol : Y1
ROHM : SMT5
EIAJ : SC-74A
FMY1A
1.2
1.6
(1)
(2)
(3)
(5)
(4)
Each lead has same dimensions
0.1Min.
2.1
1.25


Similar Part No. - FMY1A

ManufacturerPart #DatasheetDescription
logo
Rohm
FMY1A ROHM-FMY1A Datasheet
101Kb / 5P
   Emitter common (dual transistors)
FMY1A ROHM-FMY1A Datasheet
88Kb / 5P
   Emitter common (dual transistors)
FMY1A ROHM-FMY1A Datasheet
88Kb / 5P
   Emitter common (dual transistors)
logo
Guangdong Kexin Industr...
FMY1A KEXIN-FMY1A Datasheet
346Kb / 5P
   Emitter Common
logo
Rohm
FMY1AT148 ROHM-FMY1AT148 Datasheet
88Kb / 5P
   Emitter common (dual transistors)
More results

Similar Description - FMY1A

ManufacturerPart #DatasheetDescription
logo
Rohm
UMY1NTR ROHM-UMY1NTR Datasheet
88Kb / 5P
   Emitter common (dual transistors)
FMW1T148 ROHM-FMW1T148 Datasheet
115Kb / 3P
   Emitter common (dual transistors)
FMY1AT148 ROHM-FMY1AT148 Datasheet
88Kb / 5P
   Emitter common (dual transistors)
EMY1 ROHM-EMY1_04 Datasheet
101Kb / 5P
   Emitter common (dual transistors)
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
EMA5 ROHM-EMA5 Datasheet
1Mb / 11P
   Emitter common Dual digital transistors
UMA2N ROHM-UMA2N Datasheet
73Kb / 3P
   Emitter common (dual digital transistors)
UMG2N ROHM-UMG2N Datasheet
71Kb / 3P
   Emitter common (dual digital transistors)
FMG5A ROHM-FMG5A Datasheet
72Kb / 4P
   Emitter common (dual digital transistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com