Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM15438S Datasheet(PDF) 4 Page - Union Semiconductor, Inc.

Part # UM15438S
Description  Ultra Low Quiescent Current Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM15438S Datasheet(HTML) 4 Page - Union Semiconductor, Inc.

  UM15438S Datasheet HTML 1Page - Union Semiconductor, Inc. UM15438S Datasheet HTML 2Page - Union Semiconductor, Inc. UM15438S Datasheet HTML 3Page - Union Semiconductor, Inc. UM15438S Datasheet HTML 4Page - Union Semiconductor, Inc. UM15438S Datasheet HTML 5Page - Union Semiconductor, Inc. UM15438S Datasheet HTML 6Page - Union Semiconductor, Inc. UM15438S Datasheet HTML 7Page - Union Semiconductor, Inc. UM15438S Datasheet HTML 8Page - Union Semiconductor, Inc. UM15438S Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.07 Dec.2014
4/19
UM153xx/UM154xx
Available Voltage Version (Continued)
Part Number
Output Voltage
Marking Code
Package
Shipping Qty
UM15313Y
1.3V
5A3
SOT89-3
1000pcs/7Inch
Tape & Reel
UM15315Y
1.5V
5C5
SOT89-3
UM15318Y
1.8V
5C8
SOT89-3
UM15325Y
2.5V
5D5
SOT89-3
UM15327Y
2.7V
5D7
SOT89-3
UM15328Y
2.8V
5D8
SOT89-3
UM15330Y
3.0V
5AA
SOT89-3
UM15333Y
3.3V
5G3
SOT89-3
UM15335Y
3.5V
5G5
SOT89-3
UM15336Y
3.6V
5G6
SOT89-3
UM15338Y
3.8V
5G8
SOT89-3
UM15340Y
4.0V
5GA
SOT89-3
UM15342Y
4.2V
5GC
SOT89-3
UM15343Y
4.3V
5GD
SOT89-3
UM15345Y
4.5V
5GH
SOT89-3
UM15347Y
4.7V
5GM
SOT89-3
UM15348Y
4.8V
5GJ
SOT89-3
UM15350Y
5.0V
5GN
SOT89-3
UM15313DA
1.3V
A3
DFN4 1.8×1.2
3000pcs/7Inch
Tape & Reel
UM15315DA
1.5V
A4
DFN4 1.8×1.2
UM15318DA
1.8V
A5
DFN4 1.8×1.2
UM15325DA
2.5V
A6
DFN4 1.8×1.2
UM15327DA
2.7V
A7
DFN4 1.8×1.2
UM15328DA
2.8V
A8
DFN4 1.8×1.2
UM15330DA
3.0V
A9
DFN4 1.8×1.2
UM15333DA
3.3V
AS
DFN4 1.8×1.2
UM15335DA
3.5V
AT
DFN4 1.8×1.2
UM15336DA
3.6V
AU
DFN4 1.8×1.2
UM15338DA
3.8V
AV
DFN4 1.8×1.2
UM15340DA
4.0V
AZ
DFN4 1.8×1.2
UM15342DA
4.2V
B2
DFN4 1.8×1.2
UM15343DA
4.3V
B3
DFN4 1.8×1.2
UM15345DA
4.5V
B5
DFN4 1.8×1.2
UM15347DA
4.7V
B7
DFN4 1.8×1.2
UM15348DA
4.8V
B8
DFN4 1.8×1.2
UM15350DA
5.0V
BA
DFN4 1.8×1.2


Similar Part No. - UM15438S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15438S UNIONSEMI-UM15438S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
More results

Similar Description - UM15438S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
   Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810A1LDV33 INFINEON-TLS810A1LDV33 Datasheet
947Kb / 21P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
TLS810B1EJV50 INFINEON-TLS810B1EJV50 Datasheet
1Mb / 25P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2 2016-12-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com