Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0761531001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0761531001
Description  11.00mm Stand Alone, Pirate Cannon Wide Guide Module, Zinc Die Cast
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0761531001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0761531001 Datasheet HTML 1Page - Molex Electronics Ltd. 0761531001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lead-freeProcess Capability
SMC&WAVE
Max. Cycles at Max. Process Temperature
003
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-590
Sales Drawing
SD-76153-001
Symbol/Footprint Data
SYM-76153-1001
*Z-PACK TinMan is a registered trademark of Tyco Electronics.
This document was generated on 06/11/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0761531001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0761531002 MOLEX11-0761531002 Datasheet
33Kb / 2P
   11.00mm Stand Alone, Pirate Cannon Wide Guide Module, Zinc Die Cast
More results

Similar Description - 0761531001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0761531002 MOLEX11-0761531002 Datasheet
33Kb / 2P
   11.00mm Stand Alone, Pirate Cannon Wide Guide Module, Zinc Die Cast
0752341478 MOLEX11-0752341478 Datasheet
98Kb / 1P
   STAND ALONE GUIDE PIN KIT FOR PIRATE CANNON
logo
E-SWITCH
K600102 E-SWITCH-K600102 Datasheet
59Kb / 1P
   ZINC ALLOY DIE CAST
K500105 E-SWITCH-K500105 Datasheet
33Kb / 1P
   ZINC ALLOY DIE CAST
K300103 E-SWITCH-K300103 Datasheet
67Kb / 1P
   ZINC ALLOY DIE CAST
K300110 E-SWITCH-K300110 Datasheet
67Kb / 1P
   ZINC ALLOY DIE CAST
K300105 E-SWITCH-K300105 Datasheet
67Kb / 1P
   ZINC ALLOY DIE CAST
K300107 E-SWITCH-K300107 Datasheet
67Kb / 1P
   ZINC ALLOY DIE CAST
K300108 E-SWITCH-K300108 Datasheet
67Kb / 1P
   ZINC ALLOY DIE CAST
K400110 E-SWITCH-K400110 Datasheet
44Kb / 1P
   ZINC ALLOY DIE CAST
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com