Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM37522P Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM37522P
Description  300mA, Micropower, VLDO Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM37522P Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM37522P Datasheet HTML 1Page - Union Semiconductor, Inc. UM37522P Datasheet HTML 2Page - Union Semiconductor, Inc. UM37522P Datasheet HTML 3Page - Union Semiconductor, Inc. UM37522P Datasheet HTML 4Page - Union Semiconductor, Inc. UM37522P Datasheet HTML 5Page - Union Semiconductor, Inc. UM37522P Datasheet HTML 6Page - Union Semiconductor, Inc. UM37522P Datasheet HTML 7Page - Union Semiconductor, Inc. UM37522P Datasheet HTML 8Page - Union Semiconductor, Inc. UM37522P Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.06 Dec.2014
3/12
UM375xx
Ordering Information
Part Number
Output Voltage
Packaging Type
Marking Code
Shipping Qty
UM37512S
1.2V
SOT23-5
5ED
3000pcs/7Inch
Tape & Reel
UM37513S
1.3V
5EE
UM37514S
1.4V
5EH
UM37515S
1.5V
5EJ
UM37516S
1.6V
5EL
UM37517S
1.7V
5EM
UM37518S
1.8V
5EK
UM37519S
1.9V
5EF
UM37520S
2.0V
5EC
UM37521S
2.1V
5ES
UM37522S
2.2V
5ET
UM37523S
2.3V
5EY
UM37524S
2.4V
5EU
UM37525S
2.5V
5EN
UM37526S
2.6V
5EZ
UM37527S
2.7V
5EP
UM37528S
2.8V
5EQ
UM37529S
2.9V
5EB
UM37530S
3.0V
5ER
UM37531S
3.1V
5EA
UM37532S
3.2V
5DD
UM37533S
3.3V
5DE
UM37534S
3.4V
5DB
UM37535S
3.5V
5DF
UM37536S
3.6V
5DH
UM37537S
3.7V
5DA
UM37538S
3.8V
5DL
UM37539S
3.9V
5DT
UM37540S
4.0V
5DM
UM37541S
4.1V
5DY
UM37542S
4.2V
5DJ
UM37543S
4.3V
5DN
UM37544S
4.4V
5DV
UM37545S
4.5V
5DP
UM37546S
4.6V
5DZ
UM37547S
4.7V
5DQ
UM37548S
4.8V
5DR
UM37549S
4.9V
5D9
UM37550S
5.0V
5DS


Similar Part No. - UM37522P

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM37522P UNIONSEMI-UM37522P Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM37522P

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com