Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM37514P Datasheet(PDF) 9 Page - Union Semiconductor, Inc.

Part # UM37514P
Description  300mA, Micropower, VLDO Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM37514P Datasheet(HTML) 9 Page - Union Semiconductor, Inc.

Back Button UM37514P Datasheet HTML 4Page - Union Semiconductor, Inc. UM37514P Datasheet HTML 5Page - Union Semiconductor, Inc. UM37514P Datasheet HTML 6Page - Union Semiconductor, Inc. UM37514P Datasheet HTML 7Page - Union Semiconductor, Inc. UM37514P Datasheet HTML 8Page - Union Semiconductor, Inc. UM37514P Datasheet HTML 9Page - Union Semiconductor, Inc. UM37514P Datasheet HTML 10Page - Union Semiconductor, Inc. UM37514P Datasheet HTML 11Page - Union Semiconductor, Inc. UM37514P Datasheet HTML 12Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.06 Dec.2014
9/12
UM375xx
Pin Function
IN (Pin 1): Power for UM375xx and Load Power is supplied to the devices through the IN pin.
The IN pin should be locally bypassed to ground if the UM375xx series are more than a few
inches away from another source of bulk capacitance. In general, the output impedance of a
battery rises with frequency, so it is usually advisable to include an input bypass capacitor in
battery-powered circuits. A capacitor in the range of 0.1μF to 1μF is usually sufficient.
GND (Pin 2): Ground and Heat Sink. Solder to a ground plane or large pad to maximize heat
dissipation.
SHDN
_____________
(Pin 3): Shutdown, Active Low. This pin is used to put the UM375xx into shutdown. The
SHDN
_____________
pin cannot be left floating and must be tied to the input pin if not used.
NC (Pin 4): Not Connected.
OUT (Pin 5): Voltage Regulated Output. The OUT pin supplies power to the load. A minimum
output capacitor of 1μF is required to ensure stability. Larger output capacitors may be required
for applications with large transient loads to limit peak voltage transients.
Typical Application Circuit
UM375xx
VIN
VOUT
GND
IN
OUT
SHDN
1μF
1μF


Similar Part No. - UM37514P

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM37514P UNIONSEMI-UM37514P Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM37514P

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com