Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM14250Y Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM14250Y
Description  300mA, Low Consumption, Wide Input Voltage Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM14250Y Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM14250Y Datasheet HTML 1Page - Union Semiconductor, Inc. UM14250Y Datasheet HTML 2Page - Union Semiconductor, Inc. UM14250Y Datasheet HTML 3Page - Union Semiconductor, Inc. UM14250Y Datasheet HTML 4Page - Union Semiconductor, Inc. UM14250Y Datasheet HTML 5Page - Union Semiconductor, Inc. UM14250Y Datasheet HTML 6Page - Union Semiconductor, Inc. UM14250Y Datasheet HTML 7Page - Union Semiconductor, Inc. UM14250Y Datasheet HTML 8Page - Union Semiconductor, Inc. UM14250Y Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.07 May.2016
5/10
UM142xx
Pin Description
Symbol
Function
GND
Ground
VOUT
Voltage Regulated Output
VDD
Supply Voltage Input
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Value
Unit
VIN
Max Input Voltage
14
V
PD
Power Dissipation
250
mW
TJ
Operating Junction Temperature
+125
°C
TA
Ambient Temperature
-40 to +85
°C
TSTG
Storage Temperature Range
-40 to +150
°C
TL
Lead Temperature for Soldering 10 Seconds
+260
°C
Note 1: Exposure to absolute maximum rating conditions may affect device reliability.
Recommended Work Condition
Symbol
Parameter
Value
Unit
VIN
Max Input Voltage
12
V


Similar Part No. - UM14250Y

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM14250Y UNIONSEMI-UM14250Y Datasheet
222Kb / 10P
   300mA, Low Consumption, Wide Input Voltage Linear Regulator
More results

Similar Description - UM14250Y

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8567 BELLING-BL8567 Datasheet
325Kb / 7P
   300mA, Wide Input Voltage, Low Consumption Linear Regulator
logo
Union Semiconductor, In...
UM14225S UNIONSEMI-UM14225S Datasheet
222Kb / 10P
   300mA, Low Consumption, Wide Input Voltage Linear Regulator
logo
ACE Technology Co., LTD...
ACE557U ACE-ACE557U Datasheet
312Kb / 5P
   250mA, Low Consumption, Wide Input Voltage Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8552 BELLING-BL8552 Datasheet
329Kb / 7P
   300mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE500C ACE-ACE500C Datasheet
860Kb / 9P
   300mA Low Consumption Linear Regulator
VER 1.3
logo
Leshan Radio Company
LR8552 LRC-LR8552_15 Datasheet
476Kb / 7P
   300mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE506C ACE-ACE506C Datasheet
623Kb / 8P
   300mA Low Consumption Linear Regulator
VER 1.4
logo
ON Semiconductor
NCV8715 ONSEMI-NCV8715_16 Datasheet
959Kb / 21P
   Wide Input Voltage, Low Dropout Linear Voltage Regulator
June, 2016 ??Rev. 6
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
   Low current consumption 300mA CMOS Voltage Regulator
logo
Diodes Incorporated
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com