Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM36514P Datasheet(PDF) 9 Page - Union Semiconductor, Inc.

Part # UM36514P
Description  300mA, Micropower, VLDO Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM36514P Datasheet(HTML) 9 Page - Union Semiconductor, Inc.

Back Button UM36514P Datasheet HTML 2Page - Union Semiconductor, Inc. UM36514P Datasheet HTML 3Page - Union Semiconductor, Inc. UM36514P Datasheet HTML 4Page - Union Semiconductor, Inc. UM36514P Datasheet HTML 5Page - Union Semiconductor, Inc. UM36514P Datasheet HTML 6Page - Union Semiconductor, Inc. UM36514P Datasheet HTML 7Page - Union Semiconductor, Inc. UM36514P Datasheet HTML 8Page - Union Semiconductor, Inc. UM36514P Datasheet HTML 9Page - Union Semiconductor, Inc. UM36514P Datasheet HTML 10Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 Dec.2014
9/10
UM365xx
UM365xxP: SOT323
Outline Drawing
b
D
PIN 1
e
e
Q1
c
Top View
End View
Side View
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Max
Min
Max
D
1.80
2.20
0.072
0.088
E
1.15
1.35
0.006
0.054
HE
1.80
2.40
0.072
0.050
b
0.25
0.40
0.010
0.016
e
0.65BSC
0.026BSC
Q1
0.10
0.40
0.004
0.016
A
0.80
1.10
0.032
0.044
A1
0.00
0.10
0.00
0.004
A2
0.80
1.00
0.032
0.040
c
0.10
0.18
0.004
0.007
L
0.10
0.30
0.004
0.012
L1
0.425TYP
0.017TYP
Land Pattern
0.65
0.65
0.5
NOTES:
1. Compound dimension: 2.00×1.25;
2. Unit: mm;
3.General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation


Similar Part No. - UM36514P

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM36512S UNIONSEMI-UM36512S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM36513S UNIONSEMI-UM36513S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM36515S UNIONSEMI-UM36515S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM36518S UNIONSEMI-UM36518S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM36514P

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com