Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0760403058 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0760403058
Description  GbX I-Trac Right-Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Left Guide
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0760403058 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0760403058 Datasheet HTML 1Page - Molex Electronics Ltd. 0760403058 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1.0A
Data Rate
12.0 Gbps
Shield Type
N/A
Shielded
No
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-608
Product Specification
PS-75710-999
Sales Drawing
SD-171910-0001, SD-171910-0002, SD-76040-002
Press-In Tool
for Right Angle
Receptacle 15-Row,
9-Column
0622018623
This document was generated on 06/10/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0760403058

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760403050 MOLEX11-0760403050 Datasheet
46Kb / 2P
   GbX I-Trac Right-Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Left Guide
0760403059 MOLEX11-0760403059 Datasheet
46Kb / 2P
   GbX I-Trac Right-Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Left Guide
More results

Similar Description - 0760403058

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0760203006 MOLEX1-0760203006_17 Datasheet
45Kb / 2P
   GbX I-Trac Right Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Left Guide
0760403050 MOLEX11-0760403050 Datasheet
46Kb / 2P
   GbX I-Trac Right-Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Left Guide
0760403059 MOLEX11-0760403059 Datasheet
46Kb / 2P
   GbX I-Trac Right-Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Left Guide
0760403008 MOLEX1-0760403008_17 Datasheet
45Kb / 2P
   GbX I-Trac Right-Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Left Guide
0760403010 MOLEX1-0760403010_17 Datasheet
45Kb / 2P
   GbX I-Trac Right-Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Left Guide
0760403008 MOLEX11-0760403008 Datasheet
46Kb / 2P
   GbX I-Trac Right-Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Left Guide
0760203004 MOLEX1-0760203004_17 Datasheet
45Kb / 2P
   GbX I-Trac Right Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Left Guide
0760403009 MOLEX1-0760403009_17 Datasheet
45Kb / 2P
   GbX I-Trac Right-Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Left Guide
0760203156 MOLEX1-0760203156_17 Datasheet
46Kb / 2P
   GbX I-Trac Right Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Left Guide
0760403108 MOLEX11-0760403108 Datasheet
46Kb / 2P
   GbX I-Trac Right-Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Left Guide
0760403109 MOLEX11-0760403109 Datasheet
46Kb / 2P
   GbX I-Trac Right-Angle Receptacle Module, 1.85mm by 3.70mm Pitch, Left Guide
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com