Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYT30N65C3H1HV Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXYT30N65C3H1HV
Description  Optimized for 20-60kHz Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYT30N65C3H1HV Datasheet(HTML) 3 Page - IXYS Corporation

  IXYT30N65C3H1HV Datasheet HTML 1Page - IXYS Corporation IXYT30N65C3H1HV Datasheet HTML 2Page - IXYS Corporation IXYT30N65C3H1HV Datasheet HTML 3Page - IXYS Corporation IXYT30N65C3H1HV Datasheet HTML 4Page - IXYS Corporation IXYT30N65C3H1HV Datasheet HTML 5Page - IXYS Corporation IXYT30N65C3H1HV Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
IXYT30N65C3H1HV
IXYH30N65C3H1
Fig. 1. Output Characteristics @ TJ = 25ºC
0
10
20
30
40
50
60
00.5
11.5
22.5
33.5
44.5
VCE - Volts
VGE = 15V
13V
12V
10V
7V
9V
11V
8V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
VCE - Volts
VGE = 15V
8V
9V
11V
13V
12V
14V
10V
Fig. 3. Output Characteristics @ TJ = 150ºC
0
10
20
30
40
50
60
00.5
11.5
22.5
3
3.5
4
4.5
5
VCE - Volts
VGE = 15V
13V
12V
10V
9V
6V
11V
8V
7V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
VGE = 15V
I C = 30A
I C = 15A
I C =60A
Fig. 5. Collector-to-Emitter Voltage vs.
Gate-to-Emitter Voltage
1
2
3
4
5
6
7
8
8
9
10
11
12
13
14
15
VGE - Volts
I C = 60A
TJ = 25ºC
30A
15A
Fig. 6. Input Admittance
0
10
20
30
40
50
60
56
78
9
10
11
VGE - Volts
TJ = 150ºC
25ºC
- 40ºC


Similar Part No. - IXYT30N65C3H1HV

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYT30N450HV IXYS-IXYT30N450HV Datasheet
243Kb / 4P
   Advance Technical Information
More results

Similar Description - IXYT30N65C3H1HV

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYP10N65C3D1 IXYS-IXYP10N65C3D1 Datasheet
214Kb / 7P
   Optimized for 20-60kHz Switching
IXYP15N65C3 IXYS-IXYP15N65C3 Datasheet
188Kb / 6P
   Optimized for 20-60kHz Switching
IXYP20N65C3D1M IXYS-IXYP20N65C3D1M Datasheet
193Kb / 6P
   Optimized for 20-60kHz Switching
IXYP10N65C3 IXYS-IXYP10N65C3 Datasheet
211Kb / 6P
   Optimized for 20-60kHz Switching
IXYP10N65C3D1M IXYS-IXYP10N65C3D1M Datasheet
194Kb / 6P
   Optimized for 20-60kHz Switching
IXYH100N65C3 IXYS-IXYH100N65C3 Datasheet
231Kb / 6P
   Optimized for 20-60kHz Switching
IXYP15N65C3D1M IXYS-IXYP15N65C3D1M Datasheet
193Kb / 6P
   Optimized for 20-60kHz Switching
IXYH50N65C3D1 IXYS-IXYH50N65C3D1 Datasheet
186Kb / 7P
   Optimized for 20-60kHz Switching
IXYH40N65C3H1 IXYS-IXYH40N65C3H1 Datasheet
182Kb / 7P
   Optimized for 20-60kHz Switching
IXYH50N65C3H1 IXYS-IXYH50N65C3H1 Datasheet
249Kb / 8P
   Optimized for 20-60kHz Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com