Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM36531S Datasheet(PDF) 10 Page - Union Semiconductor, Inc.

Part # UM36531S
Description  300mA, Micropower, VLDO Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM36531S Datasheet(HTML) 10 Page - Union Semiconductor, Inc.

Back Button UM36531S Datasheet HTML 2Page - Union Semiconductor, Inc. UM36531S Datasheet HTML 3Page - Union Semiconductor, Inc. UM36531S Datasheet HTML 4Page - Union Semiconductor, Inc. UM36531S Datasheet HTML 5Page - Union Semiconductor, Inc. UM36531S Datasheet HTML 6Page - Union Semiconductor, Inc. UM36531S Datasheet HTML 7Page - Union Semiconductor, Inc. UM36531S Datasheet HTML 8Page - Union Semiconductor, Inc. UM36531S Datasheet HTML 9Page - Union Semiconductor, Inc. UM36531S Datasheet HTML 10Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 Dec.2014
10/10
UM365xx
IMPORTANT NOTICE
The information in this document has been carefully reviewed and is believed to be
accurate. Nonetheless, this document is subject to change without notice. Union assumes
no responsibility for any inaccuracies that may be contained in this document, and makes
no commitment to update or to keep current the contained information, or to notify a
person or organization of any update. Union reserves the right to make changes, at any
time, in order to improve reliability, function or design and to attempt to supply the best
product possible.
Union Semiconductor, Inc
Add: Unit 606, No.570 Shengxia Road, Shanghai 201210
Tel: 021-51093966
Fax: 021-51026018
Website: www.union-ic.com


Similar Part No. - UM36531S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM36530S UNIONSEMI-UM36530S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM36533S UNIONSEMI-UM36533S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM36535S UNIONSEMI-UM36535S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM36536S UNIONSEMI-UM36536S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM36538S UNIONSEMI-UM36538S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM36531S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com