Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM37525S Datasheet(PDF) 7 Page - Union Semiconductor, Inc.

Part # UM37525S
Description  300mA, Micropower, VLDO Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM37525S Datasheet(HTML) 7 Page - Union Semiconductor, Inc.

Back Button UM37525S Datasheet HTML 3Page - Union Semiconductor, Inc. UM37525S Datasheet HTML 4Page - Union Semiconductor, Inc. UM37525S Datasheet HTML 5Page - Union Semiconductor, Inc. UM37525S Datasheet HTML 6Page - Union Semiconductor, Inc. UM37525S Datasheet HTML 7Page - Union Semiconductor, Inc. UM37525S Datasheet HTML 8Page - Union Semiconductor, Inc. UM37525S Datasheet HTML 9Page - Union Semiconductor, Inc. UM37525S Datasheet HTML 10Page - Union Semiconductor, Inc. UM37525S Datasheet HTML 11Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.06 Dec.2014
7/12
UM375xx
Typical Performance Characteristics
Outpout Voltage vs Output Current
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
0
50
100
150
200
250
300
Output Current(mA)
Output Voltage vs Input Voltage
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
3.5
4
4.5
5
5.5
6
Input Voltage(V)
UM37533,
Iload=10mA
UM37533, VIN=4.3V
Dropout Voltage vs Output Current
0
50
100
150
200
250
300
350
0
25
50
75
100 125 150 175 200 225 250 275 300
Output Current(mA)
UM37533
UM37518, Iout=0mA
UM37518,Iout=100mA
UM37518,VIN=2V
Quiescent Current vs Input Voltage
Output Voltage vs Input Voltage
Output Voltage vs Output Current
Output Voltage vs Input Voltage
Output Voltage vs Output Current
Dropout Voltage vs Output Current


Similar Part No. - UM37525S

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM37525S UNIONSEMI-UM37525S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
More results

Similar Description - UM37525S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com